Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX536AVV8C Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8C
Description  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8C Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8C Datasheet HTML 24Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 25Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 26Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 27Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 28Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 29Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 30Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 31Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 178 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
28
Freescale Semiconductor
Electrical Characteristics
NOTE
The term ‘OVDD’ in this section refers to the associated supply rail of an
input or output. The association is shown in Table 113.
Figure 3. Circuit for Parameters Voh and Vol for IO Cells
4.3.1
General Purpose I/O (GPIO) DC Parameters
The parameters in Table 10 are guaranteed per the operating ranges in Table 6, unless otherwise noted.
Table 10 shows DC parameters for GPIO pads, operating at two supply ranges:
•
1.1 V to 1.3 V
•
1.65 V to 3.1 V
Table 10. GPIO I/O DC Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage1
Voh
Iout = –1 mA
Iout= specified Ioh Drive
OVDD – 0.15
0.8*OVDD
——
V
Low-level output voltage1
Vol
Iout = 1 mA
Iout= specified Iol Drive
——
0.15
0.2
× OVDD
V
High-level output current
(1.1-1.3V OVDD)
Ioh
Vout = 0.8
×OVDD
Low drive
Medium drive
High drive
Max drive
–0.85
–1.7
–2.5
–3.4
——
mA
Low-level output current
(1.1-1.3V OVDD)
Iol
Vout = 0.2
×OVDD
Low drive
Medium drive
High drive
Max drive
0.9
1.9
2.9
3.8
——
mA
High-level output current
(1.65-3.1V OVDD)
Ioh
Vout = 0.8
×OVDD
Low drive
Medium drive
High drive
Max drive
–2.1
–4.2
–6.3
–8.4
——
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com