Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX536AVV8C Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8C
Description  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8C Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8C Datasheet HTML 13Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 14Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 15Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 16Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 17Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 18Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 19Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 20Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 178 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
Freescale Semiconductor
17
3.1
Special Signal Considerations
The package contact assignments can be found in Section 6, “Package Information and Contact
Assignments.” Signal descriptions are defined in the i.MX53 Reference Manual. Special signal
considerations information is contained in Chapter 1 of i.MX53 System Development User's Guide.
Document number is MX53UG.
4
Electrical Characteristics
This section provides the device and module-level electrical characteristics for the i.MX53xA processor.
NOTE
This electrical specification is preliminary. These specifications are not fully
tested or guaranteed at this early stage of the product life cycle. Finalized
specifications will be published after thorough characterization and device
qualifications have been completed.
4.1
Chip-Level Conditions
This section provides the device-level electrical characteristics for the IC. See Table 3 for a quick reference
to the individual tables and sections.
WDOG-2
(TZ)
Watch Dog
(TrustZone)
Timer
Peripherals
The TrustZone watchdog (TZ WDOG) timer module protects against
TrustZone starvation by providing a method of escaping normal mode and
forcing a switch to the TZ mode. TZ starvation is a situation where the
normal OS prevents switching to the TZ mode. This situation should be
avoided, as it can compromise the system’s security. Once the TZ WDOG
module is activated, it must be serviced by TZ software on a periodic basis.
If servicing does not take place, the timer times out. Upon a time-out, the
TZ WDOG asserts a TZ mapped interrupt that forces switching to the TZ
mode. If it is still not served, the TZ WDOG asserts a security violation
signal to the CSU. The TZ WDOG module cannot be programmed or
deactivated by a normal mode SW.
XTALOSC
24 MHz Crystal
Oscillator
Clocking
Provides a crystal oscillator amplifier that supports a 24-MHz external
crystal
XTALOSC_
32K
32.768 KHz
Crystal Oscillator
I/F
Clocking
Provides a crystal oscillator amplifier that supports a 32.768-kHz external
crystal.
1 Video partially performed in hardware accelerator (70%) and partially in software.
2 VPU can generate higher bit rate than the maximum specified by the corresponding standard.
Table 2. i.MX53xA Digital and Analog Blocks (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com