Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX536AVV8C Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8C
Description  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8C Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8C Datasheet HTML 23Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 24Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 25Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 26Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 27Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 28Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 29Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 30Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 178 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
Freescale Semiconductor
27
4.2.2
Power-Down Sequence
Power-down sequence should follow one of the following two options:
Option 1: Switch all supplies down simultaneously with further free discharge. A deviation of few
microseconds of actual power-down of the different power rails is acceptable.
Option 2: Switch down supplies, in any order, keeping the following rules:
•
NVCC_CKIH must be powered down at the same time or after the UHVIO IO cell supplies (for
full supply list, refer to Table 6, Ultra High voltage I/O (UHVIO) supplies). A deviation of few
microseconds of actual power-down of the different power rails is acceptable.
•
VDD_REG must be powered down at the same time or after NVCC_EMI_DRAM supply. A
deviation of few microseconds of actual power-down of the different power rails is acceptable.
•
If all of the following conditions are met:
—1. VDD_REG is powered down to 0V (Not Hi-Z)
—2. VDD_DIG_PLL and VDD_ANA_PLL are provided externally,
—3. VDD_REG is powered down before VDD_DIG_PLL and VDD_ANA_PLL
Then the following rule should be kept: VDD_REG output impedance must be higher than 1 k
Ω,
when inactive.
4.2.3
Power Supplies Usage
•
All IO pins should not be externally driven while the IO power supply for the pin (NVCC_xxx) is
off. This can cause internal latch-up and malfunctions due to reverse current flows. For information
about IO power supply of each pin refer to “Power Rail” columns in pin list tables of Section 6,
“Package Information and Contact Assignments.”
•
If not using SATA interface and the embedded thermal sensor, the VP and VPH should be
grounded. In particular, keeping VPH turned OFF while the VP is powered ON is not
recommended and might lead to excessive power consumption.
•
When internal clock source is used for SATA temperature monitor the USB_PHY supplies and
PLL need to be active because they are providing the clock.
•
If not using TVE the module, the TVDAC_DHVDD and TVDAC_AHVDDRGB can remain
floating. If only the GPIO pads in TVDAC_AHVDDRGB domain are in use, the supplies can be
set to GPIO pad voltage range (1.65 V to 3.1 V).
4.3
I/O DC Parameters
This section includes the DC parameters of the following I/O types:
•
General Purpose I/O (GPIO)
•
Double Data Rate 3 I/O (DDR3) for DDR2/LVDDR2, LPDDR2 and DDR3 modes
•
Low Voltage I/O (LVIO)
•
Ultra High Voltage I/O (UHVIO)
•LVDS I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com