Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5012 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 26Page - Infineon Technologies AG TLE5012 Datasheet HTML 27Page - Infineon Technologies AG TLE5012 Datasheet HTML 28Page - Infineon Technologies AG TLE5012 Datasheet HTML 29Page - Infineon Technologies AG TLE5012 Datasheet HTML 30Page - Infineon Technologies AG TLE5012 Datasheet HTML 31Page - Infineon Technologies AG TLE5012 Datasheet HTML 32Page - Infineon Technologies AG TLE5012 Datasheet HTML 33Page - Infineon Technologies AG TLE5012 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
30
V 1.0, 2010-11
3.5.1.2
SSC Data Transfer
The SSC data transfer is word-aligned. The following transfer words are possible:
•
Command Word (to access and change operating modes of the TLE5012)
•
Data Words (any data transferred in any direction)
•
Safety Word (confirms the data transfer and provide status information)
Figure 18
SSC data transfer (data-read example)
Figure 19
SSC data transfer (data-write example)
Command Word
The TLE5012 is controlled by a Command Word. It is sent first at the start of every data transmission. The structure
of the Command Word is shown in Table 15, where the update (UPD) bit allows access to current or updated
values. If an update command is issued and UPD is set, the immediate values are stored in the update buffer
simultaneously. This enables a snapshot of all necessary system parameters at the same time. Bits with an update
buffer are marked by an “u” in the bit type in the register description.
Table 15
Structure of the Command Word
Name
Bits
Description
RW
[15]
Read - write
0:Write
1:Read
Lock
[14..11]
4-bit lock value
0000B: Default operating access for addresses 0x00:0x04
1010B: Config- access for addresses 0x05:0x11
UPD
[10]
Update register access
0: Access to current values
1: Access to updated values
COMMAND
READ Data 1
READ Data 2
SAFETY-WORD
SSC-Master is driving DATA
SSC-Slave is driving DATA
twr_delay
COMMAND
WRITE Data 1
SAFETY-WORD
SSC-Master is driving DATA
SSC-Slave is driving DATA
twr_delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com