Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5012 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 18Page - Infineon Technologies AG TLE5012 Datasheet HTML 19Page - Infineon Technologies AG TLE5012 Datasheet HTML 20Page - Infineon Technologies AG TLE5012 Datasheet HTML 21Page - Infineon Technologies AG TLE5012 Datasheet HTML 22Page - Infineon Technologies AG TLE5012 Datasheet HTML 23Page - Infineon Technologies AG TLE5012 Datasheet HTML 24Page - Infineon Technologies AG TLE5012 Datasheet HTML 25Page - Infineon Technologies AG TLE5012 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
22
V 1.0, 2010-11
3.4.3
GMR Parameters
All parameters apply over BXY = 30mT and TA = 25°C, unless otherwise specified.
Figure 11
Offset and amplitude definition
Table 8
Basic GMR parameters
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
X, Y output range
RGADC
-
-
±23230
digits
4)
X, Y amplitude 1)
1) See Figure 11
AX, AY
6000
9500
15781
digits
3922
-
20620
digits
operating range
X, Y synchronism 2)
2) k = 100*(AX/AY)
k
87.5
100
112.49
%
X, Y offset 3)
3) OY=(YMAX + YMIN) / 2; OX = (XMAX + XMIN) / 2
OX, OY
-2048 0
+2047
digits
X, Y orthogonality error
Φ
-11.25 0
+11.24
°
X, Y without field
X0, Y0
-5000 -
+5000
digits
without magnet 4)
4) Not subject to production test - verified by design/characterization
Angle
90°
180°
270°
360°
0°
+A
Offset
VY
0
-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com