Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5012 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 8Page - Infineon Technologies AG TLE5012 Datasheet HTML 9Page - Infineon Technologies AG TLE5012 Datasheet HTML 10Page - Infineon Technologies AG TLE5012 Datasheet HTML 11Page - Infineon Technologies AG TLE5012 Datasheet HTML 12Page - Infineon Technologies AG TLE5012 Datasheet HTML 13Page - Infineon Technologies AG TLE5012 Datasheet HTML 14Page - Infineon Technologies AG TLE5012 Datasheet HTML 15Page - Infineon Technologies AG TLE5012 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
TLE5012
Functional Description
Final Data Sheet
12
V 1.0, 2010-11
2.2
Pin Configuration
Figure 3
Pin configuration (top view)
2.3
Pin Description
Table 1
Pin description
Pin No.
Symbol
In/Out
Function
1
CLK
I
External Clock (selection of
interface)1)
1) Connected to VDD --> Incremental Interface is used; connected to GND--> Interface in IF_MD is used; sampling within
Power-On Time; interface change within operation via SSC IF possible
2
SCK
I
SSC Clock
3
CSQ
I
SSC Chip Select
4DATA
(DATA / IIF_Index / HS3)
I/O
Interface DATA:
SSC DATA; IIF Index; Hall
Switch signal 3 2)
5IFA
(IIF_A / HS1 / PWM)
O
Interface A:
IIF phase A; Hall Switch signal
1; PWM 2)
2) Depends on external circuit of CLK and IF_MD setting
6VDD
-
Supply voltage
7GND
-
Ground
8IFB
(IIF_B / HS2)
O
Interface B:
IIF phase B; Hall Switch signal
2 2)
12
3
4
5
6
7
8
Center of Sensitive
Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com