Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5012 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 28Page - Infineon Technologies AG TLE5012 Datasheet HTML 29Page - Infineon Technologies AG TLE5012 Datasheet HTML 30Page - Infineon Technologies AG TLE5012 Datasheet HTML 31Page - Infineon Technologies AG TLE5012 Datasheet HTML 32Page - Infineon Technologies AG TLE5012 Datasheet HTML 33Page - Infineon Technologies AG TLE5012 Datasheet HTML 34Page - Infineon Technologies AG TLE5012 Datasheet HTML 35Page - Infineon Technologies AG TLE5012 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
32
V 1.0, 2010-11
Data Communication via SSC
Figure 20
SSC bit ordering (read example)
The data communication via SSC Interface has the following characteristics:
•
The data transmission order is “Most Significant Bit (MSB) first”.
•
Data is put on the data line with the rising edge on SCK and read with the falling edge on SCK.
•
The SSC Interface is word-aligned. All functions are activated after each transmitted word.
•
A “high” condition on the negated Chip Select pin (CSQ) of the selected TLE5012 interrupts the transfer
immediately. The CRC calculator is automatically reset.
•
After changing the data direction, a delay (twr_delay) has to occur before continuing the data transfer. This is
necessary for internal register access.
•
Every access to the TLE5012 with the number of data (ND) ≥ 1 is performed with address auto-increment. At
an overflow at address 3FH the transfer continuous at address 00H.
•
With ND = 0, no auto-increment is done and a continuously readout of the same address can occur. Afterwards
no Safety Word is sent and the transfer ends with high condition on CSQ.
•
After every data transfer with ND ≥ 1, the 16-bit Safety Word will be appended by the selected TLE5012.
•
After the Safety Word is sent, the transfer ends. To start another data transfer, the CSQ has to be deselected
once for tCSoff.
•
The SSC is by default push-pull. The push-pull driver is active only if the TLE5012 has to send data; otherwise
the push-pull is disabled for receiving data from the microcontroller.
Cyclic Redundancy Check (CRC)
•
This CRC complies with the J1850 Bus Specification.
•
Every new transfer resets the CRC generation.
•
Every byte of a transfer will be taken into account to generate the CRC (also the sent command(s)).
•
Generator polynomial: X8+X4+X3+X2+1, but for the CRC generation the fast CRC generation circuit is used
(see Figure 21)
•
The remainder of the fast CRC circuit is initial set to ’11111111B’.
•
The remainder is inverted before transmission.
Figure 21
Fast CRC polynomial division circuit
SCK
DATA
8
11
10
9
MSB
14
13
12
CSQ
SSC Transfer
LSB
321
7
6
5
4
Command Word
Data Word (s)
SSC -Master is driving DAT A
SSC -Slave is driving DAT A
LSB
1
RW
ADDR
LENGTH
LOCK
MSB
twr_delay
UPD
xor
X7
X6
X5
X4
X3
X2
xor
X0
xor
xor
Input
Serial
CRC
output
&
TX_CRC
1111
1
1
1
1
X1
parallel
Remainder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com