Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5012 Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 29Page - Infineon Technologies AG TLE5012 Datasheet HTML 30Page - Infineon Technologies AG TLE5012 Datasheet HTML 31Page - Infineon Technologies AG TLE5012 Datasheet HTML 32Page - Infineon Technologies AG TLE5012 Datasheet HTML 33Page - Infineon Technologies AG TLE5012 Datasheet HTML 34Page - Infineon Technologies AG TLE5012 Datasheet HTML 35Page - Infineon Technologies AG TLE5012 Datasheet HTML 36Page - Infineon Technologies AG TLE5012 Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
33
V 1.0, 2010-11
3.5.1.3
Registers
This section describes the registers of the TLE5012. It also specifies the read/write access rights of the specific
registers. Table 18 identifies the values with symbols. Access to the registers is accomplished via the SSC
Interface.
The register is addressed wordwise.
Table 18
Registers Overview
Register Short Name
Register Long Name
Offset Address
Page Number
Registers, TLE5012 Register
STAT
Status Register
00H
34
ACSTAT
Activation Status Register
01H
36
AVAL
Angle Value Register
02H
37
ASPD
Angle Speed Register
03H
38
AREV
Angle Revolution Register
04H
39
FSYNC
Frame Synchronization Register
05H
39
MOD_1
Interface Mode1 Register
06H
40
SIL
SIL Register
07H
41
MOD_2
Interface Mode2 Register
08H
42
MOD_3
Interface Mode3 Register
09H
43
OFFX
Offset X
0AH
44
OFFY
Offset Y
0BH
45
SYNCH
Synchronicity
0CH
45
IFAB
IFAB Register
0DH
46
MOD_4
Interface Mode4 Register
0EH
47
TCO_Y
Temperature Coefficient Register
0FH
48
ADC_X
X-raw value
10H
48
ADC_Y
Y-raw value
11H
49
IIF_CNT
IIF Counter value
20H
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com