Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7181EM Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE7181EM
Description  H-Bridge and Dual Half Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7181EM Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE7181EM Datasheet HTML 10Page - Infineon Technologies AG TLE7181EM Datasheet HTML 11Page - Infineon Technologies AG TLE7181EM Datasheet HTML 12Page - Infineon Technologies AG TLE7181EM Datasheet HTML 13Page - Infineon Technologies AG TLE7181EM Datasheet HTML 14Page - Infineon Technologies AG TLE7181EM Datasheet HTML 15Page - Infineon Technologies AG TLE7181EM Datasheet HTML 16Page - Infineon Technologies AG TLE7181EM Datasheet HTML 17Page - Infineon Technologies AG TLE7181EM Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
H-Bridge and Dual Half Bridge Driver IC
TLE7181EM
Description and Electrical Characteristics
Data Sheet
14
Rev 1.1, 2010-09-30
5.1.19
High level output voltage GHx vs.
SHx1)2)
V
GHx4
5.0
+
V
diode
––V
V
VS=7.0V;
C
Load=20nF;
D.C.=95%;
f
PWM=20kHz;
passive
freewheeling
5.1.20
High level output voltage GHx vs.
SHx1)
V
GHx5
5.0
––V
V
VS=7.0V;
C
Load=20nF;
D.C.=95%;
f
PWM=20kHz
5.1.21
High level output voltage GLx vs.
SLx1)
V
GLx5
6.0
––V
V
VS=7.0V;
C
Load=20nF;
D.C.=95%;
f
PWM=20kHz
5.1.22
High level output voltage GHx vs.
SHx1)
V
GHx5
10
–
–
V
7.0V
≤V
VS≤13.5V;
C
Load=20nF;
D.C.=100%
5.1.23
High level output voltage GLx vs.
SLx1)
V
GLx5
6.5
––V
V
VS=7.0V;
C
Load=20nF;
D.C.=100%
5.1.24
Rise time
t
rise
–250
–
ns
C
Load=11nF;
R
Load=1Ω;
V
VS=7V;
20-80%
5.1.25
Fall time
t
fall
–
200
–
ns
5.1.26
High level output voltage (in
passive clamping)1)
V
GxxUV
–
–
1.2
V
Sleep mode or
VS_UVLO
5.1.27
Pull-down resistor at BHx to GND
R
BHUVx
––
85
k
Ω
Sleep mode or
VS_UVLO
5.1.28
Pull-down resistor at VREG to GND
R
VRUV
––
30
k
Ω
Sleep mode or
VS_UVLO
5.1.29
Bias current into BHx
I
BHx
––
150
µA
V
CBS>5V;
no switching
5.1.30
Bias current out of SHx
I
SHx
–40
–
µA
V
SHx=VSL;
ENA=HIGH;
affected highside
output stage static
on;
V
CBS>5V
5.1.31
Bias current out of SL
I
SL
––
1.4
mA
0≤V
SHx≤VVS+1V;
ENA=HIGH;
no switching;
V
CBS>5V
Electrical Characteristics MOSFET Drivers
V
S = 7.0 to 34V, Tj = -40 to +150°C all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com