Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7181EM Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE7181EM
Description  H-Bridge and Dual Half Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7181EM Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE7181EM Datasheet HTML 20Page - Infineon Technologies AG TLE7181EM Datasheet HTML 21Page - Infineon Technologies AG TLE7181EM Datasheet HTML 22Page - Infineon Technologies AG TLE7181EM Datasheet HTML 23Page - Infineon Technologies AG TLE7181EM Datasheet HTML 24Page - Infineon Technologies AG TLE7181EM Datasheet HTML 25Page - Infineon Technologies AG TLE7181EM Datasheet HTML 26Page - Infineon Technologies AG TLE7181EM Datasheet HTML 27Page - Infineon Technologies AG TLE7181EM Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
H-Bridge and Dual Half Bridge Driver IC
TLE7181EM
Data Sheet
24
Rev 1.1, 2010-09-30
5.3.10
High level output voltage of ISO
V
OH
4.75
–
5.2
V
I
OH=-3mA
5.3.11
Output short circuit current
I
SCOP
5
––mA
–
5.3.12
Differential input resistance1)
R
I
100
––k
Ω
–
5.3.13
Common mode input capacitance1)
C
CM
–
–
10
pF
10kHz
5.3.14
Common mode rejection ratio at
DC
CMRR =
20*Log((Vout_diff/Vin_diff) *
(Vin_CM/Vout_CM))
C
MRR
80
100
–
dB
–
5.3.15
Common mode suppression2) with
CMS = 20*Log(Vout_CM/Vin_CM)
Freq =100kHz
Freq = 1MHz
Freq = 10MHz
C
MS
–
62
43
23
–dB
V
IN=360mV*
sin(2*
π*freq*t);
R
s=500Ω;
R
fb=7500Ω
5.3.16
Slew rate
d
V/dt
–10
–
V/µs
Gain
≥ 5;
R
L=1.0kΩ;
C
L=500pF
5.3.17
Large signal open loop voltage gain
(DC)
A
OL
80
100
–
dB
–
5.3.18
Unity gain bandwidth1)
G
BW
10
20
–
MHz
R
L=1kΩ; CL=100pF
5.3.19
Phase margin 1)
F
M
–50
–
°
Gain
≥ 5;
R
L=1kΩ; CL=100pF
5.3.20
Gain margin 1)
A
M
–12
–
dB
R
L=1kΩ; CL=100pF
5.3.21
Bandwidth
B
WG
0.7
1.3
–
MHz
Gain=15;
R
L=1kΩ;
C
L=500pF;
R
s=500Ω
5.3.22
Output settle time to 98%
t
set1
–
1
1.8
µs
Gain=15;
R
L=1kΩ;
C
L=500pF;
0.3<
V
ISO< 4.8V;
R
s=500Ω
5.3.23
Output settle time to 98%1)
t
set2
–
4.6
–
µs
Gain=75;
R
L=1kΩ;
C
L=500pF;
0.3<
V
ISO< 4.8V;
R
s=500Ω
1) Not subjected to production test; specified by design
2) Without considering any offsets such as input offset voltage, internal mismatch and assuming no tolerance error in external
resistors.
Electrical Characteristics - Current sense signal conditioning (cont’d)
V
S = 7.0 to 36V, Tj = -40 to +150°C, gain = 5 to 75, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com