Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8510 Datasheet(PDF) 13 Page - Semtech Corporation

Part # ACS8510
Description  Synchronous Equipment Timing Source for SONET or SDH Network Elements
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8510 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button ACS8510 Datasheet HTML 9Page - Semtech Corporation ACS8510 Datasheet HTML 10Page - Semtech Corporation ACS8510 Datasheet HTML 11Page - Semtech Corporation ACS8510 Datasheet HTML 12Page - Semtech Corporation ACS8510 Datasheet HTML 13Page - Semtech Corporation ACS8510 Datasheet HTML 14Page - Semtech Corporation ACS8510 Datasheet HTML 15Page - Semtech Corporation ACS8510 Datasheet HTML 16Page - Semtech Corporation ACS8510 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
Revision 2.07/Jan 2001 ã2001 Semtech Corp
www.semtech.com
13
ACS8510 SETS
ADVANCED COMMUNCIATIONS
FINAL
I
I I
I I
I I
$
$
$
$
-LWWHUDQG ZDQGHUIUHTXHQF\ ORJ VFDOH
I
I
$
I
I I
I I
I I
$
$
$
$
-LWWHUDQG ZDQGHUIUHTXHQF\ ORJ VFDOH
I
I
$
Figure 1: Minimum Input Jitter Tolerance for inputs supporting G.783 compliant sources
Table 3: Amplitude and Frequency values for Jitter Tolerance for inputs supporting G.783 compliant sources
M
T
S
l
e
v
e
l
e
d
u
ti
l
p
m
a
k
a
e
p
o
t
k
a
e
P
)l
a
v
r
e
t
n
I
ti
n
u
(
)
z
H
(
y
c
n
e
u
q
e
r
F
0
A1
A2
A3
A4
A0
F1
F2
F3
F4
F5
F6
F7
F8
F9
F
1
-
M
T
S0
0
8
21
1
39
35
.
15
1
.
0u
2
1u
8
7
1m
6
.
1m
6
.
5
15
2
1
.
03
.
9
10
0
5k
5
.
6k
5
6m
3
.
1
Output Clock Ports
The device supports a set of main output clocks,
T
OUT0 and TOUT4, and a pair of secondary output
clocks, 'Frame-Sync' and 'Multi-Frame-Sync'. The
two main output clocks, T
OUT0 and TOUT4, are
independent of each other and are individually-
selectable. The two secondary output clocks,
'Frame-Sync' and 'Multi-Frame-Sync', are derived
from T
OUT0. The frequencies of the output clocks
are selectable from a range of pre-defined spot
frequencies and a variety of output technologies
are supported, as defined in Table 5.
Performance-wise, the output ports are
specified in Figures 3, 4 and 5, in terms of
jitter, MTIE (and TDEV) and Phase Error,
respectively.
Low-speed Output Clock (T
OUT4)
The T
OUT4 clock is supplied on two output ports,
T
O8 and TO9. The former port will provide an AMI
signal carrying a composite clock of 64 kHz
and 8 kHz, according to ITU Recommendation
G.703. The latter port will provide a TTL/CMOS
signal at either 1.544 MHz or 2.048 MHz,
depending on the setting of the SONSDHB pin.
High-speed Output Clock (Part of T
OUT0)
The T
OUT0 port has multiple outputs. Outputs TO1
and T
O2 are TTL/CMOS output with a choice of
11 different frequencies up to 51.84 MHz.
Outputs T
O3 to TO5 are all TTL/CMOS outputs
with fixed frequencies of 19.44 MHz, 38.88
MHz and 77.76 MHz, respectively. Output T
O6
is differential and can support clocks up to
155.52 MHz. Output T
O7 is also differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com