Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8510 Datasheet(PDF) 21 Page - Semtech Corporation

Part # ACS8510
Description  Synchronous Equipment Timing Source for SONET or SDH Network Elements
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8510 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button ACS8510 Datasheet HTML 17Page - Semtech Corporation ACS8510 Datasheet HTML 18Page - Semtech Corporation ACS8510 Datasheet HTML 19Page - Semtech Corporation ACS8510 Datasheet HTML 20Page - Semtech Corporation ACS8510 Datasheet HTML 21Page - Semtech Corporation ACS8510 Datasheet HTML 22Page - Semtech Corporation ACS8510 Datasheet HTML 23Page - Semtech Corporation ACS8510 Datasheet HTML 24Page - Semtech Corporation ACS8510 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
Revision 2.07/Jan 2001 ã2001 Semtech Corp
www.semtech.com
21
ACS8510 SETS
ADVANCED COMMUNCIATIONS
FINAL
.r
d
d
A
)
x
e
H
(
e
m
a
N
r
e
t
e
m
a
r
a
Pti
B
a
t
a
D
)
b
s
m
(
7
6
543
2
1
)
b
s
l(
0
0
0d
i
_
p
i
h
c
)
y
l
n
o
d
a
e
r(
)
0
:
7
(
r
e
b
m
u
n
t
r
a
p
e
c
i
v
e
D
1
0
)
8
:
5
1
(
r
e
b
m
u
n
t
r
a
p
e
c
i
v
e
D
2
0n
o
i
s
i
v
e
r
_
p
i
h
c
)
y
l
n
o
d
a
e
r(
)
0
:
7
(
r
e
b
m
u
n
n
o
i
s
i
v
e
r
p
i
h
C
3
01
l
o
rt
n
o
c
_
g
f
n
c
)
e
ti
r
w
/
d
a
e
r(
'
0
'
o
t
t
e
S
g
o
l
a
n
A
c
n
y
s
v
i
d
'
0
'
o
t
t
e
S'
0
'
o
t
t
e
S'
0
'
o
t
t
e
S'
0
'
o
t
t
e
S
4
02
l
o
rt
n
o
c
_
g
f
n
c
)
e
ti
r
w
/
d
a
e
r(
ti
m
il
g
a
lf
s
s
o
l
e
s
a
h
P'
0
'
o
t
t
e
S'
1
'
o
t
t
e
S'
0
'
o
t
t
e
S
5
0s
t
p
u
rr
e
t
n
i
_
s
t
s
)
e
ti
r
w
/
d
a
e
r(
d
il
a
v
>
8
_
I
<
e
g
n
a
h
c
d
il
a
v
>
7
_
I
<
e
g
n
a
h
c
d
il
a
v
>
6
_
I
<
e
g
n
a
h
c
d
il
a
v
>
5
_
I
<
e
g
n
a
h
c
d
il
a
v
>
4
_
I
<
e
g
n
a
h
c
d
il
a
v
>
3
_
I
<
e
g
n
a
h
c
d
il
a
v
>
2
_
I
<
e
g
n
a
h
c
d
il
a
v
>
1
_
I
<
e
g
n
a
h
c
6
0g
n
it
a
r
e
p
O
e
d
o
m
.f
e
r
n
i
a
M
d
e
li
a
f
d
il
a
v
>
4
1
_
I
<
e
g
n
a
h
c
d
il
a
v
>
3
1
_
I
<
e
g
n
a
h
c
d
il
a
v
>
2
1
_
I
<
e
g
n
a
h
c
d
il
a
v
>
1
1
_
I
<
e
g
n
a
h
c
d
il
a
v
>
0
1
_
I
<
e
g
n
a
h
c
d
il
a
v
>
9
_
I
<
e
g
n
a
h
c
8
0s
t
u
p
n
i
_
4
T
_
s
t
s
)
e
ti
r
w
/
d
a
e
r(
d
e
li
a
f
f
e
r
4
T
2
i
m
A
n
o
it
a
l
o
i
V
2
i
m
A
.
S
.
O
.
L
1
i
m
A
n
o
it
a
l
o
i
V
1
i
m
A
.
S
.
O
.
L
9
0e
d
o
m
_
g
n
it
a
r
e
p
o
_
s
t
s
)
y
l
n
o
d
a
e
r(
)
0
:
2
(
e
d
o
m
g
n
it
a
r
e
p
O
A
0e
l
b
a
t
_
y
ti
r
o
ir
p
_
s
t
s
)
y
l
n
o
d
a
e
r(
e
c
r
u
o
s
d
il
a
v
y
ti
r
o
ir
p
t
s
e
h
g
i
H
e
c
r
u
o
s
e
c
n
e
r
e
f
e
r
d
e
t
c
e
l
e
s
y
lt
n
e
rr
u
C
B
0
3 dr
e
c
r
u
o
s
d
il
a
v
y
ti
r
o
ir
p
t
s
e
h
g
i
h2 dn
e
c
r
u
o
s
d
il
a
v
y
ti
r
o
ir
p
t
s
e
h
g
i
h
C
0t
e
s
ff
o
_
c
n
i
_
rr
u
c
_
s
t
s
)
y
l
n
o
d
a
e
r(
)
0
:
7
(
t
e
s
ff
o
t
n
e
m
e
r
c
n
i
t
n
e
rr
u
C
D
0
)
8
:
5
1
(
t
e
s
ff
o
t
n
e
m
e
r
c
n
i
t
n
e
rr
u
C
7
0
)
6
1
:
8
1
(
t
e
s
ff
o
t
n
e
m
e
r
c
n
i
t
n
e
rr
u
C
E
0d
il
a
v
_
s
e
c
r
u
o
s
_
s
t
s
)
y
l
n
o
d
a
e
r(
>
8
_
I
<>
7
_
I
<>
6
_
I
<>
5
_
I
<>
4
_
I
<>
3
_
I
<>
2
_
I
<>
1
_
I
<
F
0
>
4
1
_
I
<>
3
1
_
I
<>
2
1
_
I
<>
1
1
_
I
<>
0
1
_
I
<>
9
_
I
<
Register map
Shaded areas in the map are ‘don’t care’ and writing either 0 or 1 will not affect any function of
the device.
Bits labelled ‘Set to 0’ or ‘Set to 1’ must be set as stated during initialisation of the device,
either following power up, or after a power on reset (POR). Failure to correctly set these bits may
result in the device operating in an unexpected way.
Some registers do not appear in this list. These are either not used, or have test functionality. Do
not write to any undefined registers as this may cause the device to operate in a test mode. If an
undefined register has been inadvertently addressed, the device should be reset to ensure the
undefined registers are at default values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com