Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8510 Datasheet(PDF) 39 Page - Semtech Corporation

Part # ACS8510
Description  Synchronous Equipment Timing Source for SONET or SDH Network Elements
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8510 Datasheet(HTML) 39 Page - Semtech Corporation

Back Button ACS8510 Datasheet HTML 35Page - Semtech Corporation ACS8510 Datasheet HTML 36Page - Semtech Corporation ACS8510 Datasheet HTML 37Page - Semtech Corporation ACS8510 Datasheet HTML 38Page - Semtech Corporation ACS8510 Datasheet HTML 39Page - Semtech Corporation ACS8510 Datasheet HTML 40Page - Semtech Corporation ACS8510 Datasheet HTML 41Page - Semtech Corporation ACS8510 Datasheet HTML 42Page - Semtech Corporation ACS8510 Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
Revision 2.07/Jan 2001 ã2001 Semtech Corp
www.semtech.com
39
ACS8510 SETS
ADVANCED COMMUNCIATIONS
FINAL
Holdover mode
The Holdover mode is used when the ACS8510
was in Locked mode for long enough to acquire
stable frequency data, but the final selected
reference source has become unavailable and
a replacement has not yet been qualified for
selection.
In Holdover mode, the ACS8510 provides the
timing and synchronisation signals to maintain
the Network Element (NE), but they are not
phase locked to any input reference source.
The timing is based on a stored value of the
frequency ratio obtained during the last Locked
mode period.
The Holdover performance is mainly limited by
what is happening to the TCXO. The ACS8510
has 3 ways of determining Holdover, either;
1. By external frequency setting (cnfg_holdover_offset
register)
2. By an internal frequency measuring and averaging
system which averages the last 20 minutes
3. By just using the last frequency (as reported by the
sts_curr_inc_offset register). This value can be read out
of the device and used to build up a longer term average
using an external averaging circuit. This value can then to
readback into the device and used as the Holdover offset
(via cnfg_holdover_offset register).
By default it uses the internal averager. This
means that if the TCXO frequency is varying
due to temperature fluctuations in the room,
then the instantaneous value can be different
from the average value, and then it may be
possible to exceed the 0.05 ppm limit
(depending on how extreme the temperature
flucuations are). It is advantageous to shield
the TCXO to slow down frequency changes due
to drift and external temperature fluctuations.
The frequency accuracy of Holdover mode has
to meet the ITU-T, ETSI and Telcordia
performance requirements. The performance
of the external oscillator clock is critical in this
mode, although only the frequency stability is
important - the stability of the output clock in
Hold-Over is directly related to the stability of
the external oscillator.
Pre-Locked(2) mode
This state is very similar to the Pre-Locked(1)
state. It is entered from the Holdover state
when a reference source has been selected
and applied to the phase locked loop. It is also
entered if the device is operating in revertive
mode and a higher-priority reference source is
restored.
Upon applying a reference source to the phase
locked loop, the ACS8510 will enter the Locked
state in a maximum of 100 seconds, as defined
by GR-1244-CORE specification, if the selected
reference source is of good quality.
If the device cannot achieve lock within 100
seconds, it reverts to Holdover mode and
another reference source is selected.
Protection Facility
The ACS8510 supports redundancy protection.
The primary functions of this include:
- Alignment of the priority tables of both Master
and Slave ACS8510 devices so as to align the
selection of reference sources of both Master
and Slave ACS8510 devices.
- Alignment of the phases of the 8 kHz and 2
kHz clocks in both Master and Slave ACS8510
devices to within one cycle of the 77.76 MHz
internal clock.
When two ACS8510 devices are to be used in
a redundancy-protection scheme within an NE,
one will be designated as the Master and the
other as the Slave. It is expected that an NE
will use the T
OUT0 output for its internal
operations because the T
OUT4 output is intended
to feed an SSU/BITS system. An SSU/BITS will
not be bothered by phase differences between



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com