Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8510 Datasheet(PDF) 18 Page - Semtech Corporation

Part # ACS8510
Description  Synchronous Equipment Timing Source for SONET or SDH Network Elements
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8510 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button ACS8510 Datasheet HTML 14Page - Semtech Corporation ACS8510 Datasheet HTML 15Page - Semtech Corporation ACS8510 Datasheet HTML 16Page - Semtech Corporation ACS8510 Datasheet HTML 17Page - Semtech Corporation ACS8510 Datasheet HTML 18Page - Semtech Corporation ACS8510 Datasheet HTML 19Page - Semtech Corporation ACS8510 Datasheet HTML 20Page - Semtech Corporation ACS8510 Datasheet HTML 21Page - Semtech Corporation ACS8510 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
Revision 2.07/Jan 2001 ã2001 Semtech Corp
www.semtech.com
18
ACS8510 SETS
ADVANCED COMMUNCIATIONS
FINAL
Figure 4: Maximum Time Interval Error of T
OUT0 output port
Figure 5: Time Deviation of T
OUT0 output port
Figure 6: Phase error accumulation of T
OUT0 output port in hold-over mode
10
1
0.1
0.01
Tim e
(n s)
0.01
0.1
1
10
10 0
1 000
100 00
O b s e rva tio n in te rva l (s )
G .8 13 optio n 1 con s ta n t te m perature w ander lim it
T D E V m e a su rem e n t on 1 55 M H z ou tp u t, 19.44 M H z i/p (8 kH z lo cking),
V e ctro n 6 664 xtal
100
10
1
0.1
0.01
0.01
0.1
1
10
100
1000
10 00 0
O b serva tio n interva l (s)
Tim e
(n s)
G .8 13 o ption 1 , co nstan t te m pe rature w a nder lim it
M T IE m e as ure m en t o n 1 55 M H z ou tp ut, 1 9.44 M H z i/p (8 kH z locking),
V e ctron 6 6 64 xtal
1 0000000
1000 000
100000
10000
1000
100
1 000
10000
100000
O b s e r v atio n in te rv a l ( s )
P e rm itted P h a s e E rr o r L im it
T y pical m easur em ent, 25° C cons t ant te m per ature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com