Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9552 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9552
Description  16-bit I2C-bus LED driver with programmable blink rates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9552 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9552 Datasheet HTML 1Page - NXP Semiconductors PCA9552 Datasheet HTML 2Page - NXP Semiconductors PCA9552 Datasheet HTML 3Page - NXP Semiconductors PCA9552 Datasheet HTML 4Page - NXP Semiconductors PCA9552 Datasheet HTML 5Page - NXP Semiconductors PCA9552 Datasheet HTML 6Page - NXP Semiconductors PCA9552 Datasheet HTML 7Page - NXP Semiconductors PCA9552 Datasheet HTML 8Page - NXP Semiconductors PCA9552 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
PCA9552_5
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 05 — 9 March 2006
5 of 28
Philips Semiconductors
PCA9552
16-bit I2C-bus LED driver with programmable blink rates
6.
Functional description
Refer to Figure 1 “Block diagram of PCA9552”.
6.1 Device address
Following a START condition, the bus master must output the address of the slave it is
accessing. The address of the PCA9552 is shown in Figure 5. To conserve power, no
internal pull-up resistors are incorporated on the hardware selectable address pins and
they must be pulled HIGH or LOW.
The last bit of the address byte defines the operation to be performed. When set to logic 1
a read is selected, while a logic 0 selects a write operation.
6.2 Control Register
Following the successful acknowledgement of the slave address, the bus master will send
a byte to the PCA9552, which will be stored in the Control Register. This register can be
read and written via the I2C-bus.
The lowest 3 bits are used as a pointer to determine which register will be accessed.
If the Auto-Increment flag (AI) is set, the four low order bits of the Control Register are
automatically incremented after a read or write. This allows the user to program the
registers sequentially. The contents of these bits will rollover to ‘0000’ after the last
register is accessed.
When the Auto-Increment flag is set (AI = 1) and a read sequence is initiated, the
sequence must start by reading a register different from ‘0' (B3 B2 B1 B0
≠ 0000).
Only the 4 least significant bits are affected by the AI flag. Unused bits must be
programmed with zeroes.
Fig 5.
PCA9552 address
002aac169
1
1
0
0
A2
A1
A0 R/W
fixed
slave address
programmable
Reset state: 00h
Fig 6.
Control Register
002aac170
0
0
0
AI
B3
B2
B1
B0
register address
Auto-Increment flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com