Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9552 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9552
Description  16-bit I2C-bus LED driver with programmable blink rates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9552 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9552 Datasheet HTML 2Page - NXP Semiconductors PCA9552 Datasheet HTML 3Page - NXP Semiconductors PCA9552 Datasheet HTML 4Page - NXP Semiconductors PCA9552 Datasheet HTML 5Page - NXP Semiconductors PCA9552 Datasheet HTML 6Page - NXP Semiconductors PCA9552 Datasheet HTML 7Page - NXP Semiconductors PCA9552 Datasheet HTML 8Page - NXP Semiconductors PCA9552 Datasheet HTML 9Page - NXP Semiconductors PCA9552 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
PCA9552_5
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 05 — 9 March 2006
6 of 28
Philips Semiconductors
PCA9552
16-bit I2C-bus LED driver with programmable blink rates
6.2.1 Control Register definition
6.3 Register descriptions
6.3.1 INPUT0 - Input register 0
The Input register 0 reflects the state of the device pins (inputs LED0 to LED7). Writes to
this register will be acknowledged but will have no effect.
Remark: The default value ‘X’ is determined by the externally applied logic level (normally
logic 1) when used for directly driving LED with pull-up to VDD.
6.3.2 INPUT1 - Input register 1
The Input register 1 reflects the state of the device pins (inputs LED8 to LED15). Writes to
this register will be acknowledged but will have no effect.
Remark: The default value ‘X’ is determined by the externally applied logic level (normally
logic 1) when used for directly driving LED with pull-up to VDD.
Table 3:
Register summary
B3
B2
B1
B0
Symbol
Access
Description
0000
INPUT0
read only
input register 0
0001
INPUT1
read only
input register 1
0010
PSC0
read/write
frequency prescaler 0
0011
PWM0
read/write
PWM register 0
0100
PSC1
read/write
frequency prescaler 1
0101
PWM1
read/write
PWM register 1
0110LS0
read/write
LED0 to LED3 selector
0111LS1
read/write
LED4 to LED7 selector
1000LS2
read/write
LED8 to LED11 selector
1001LS3
read/write
LED12 to LED15 selector
Table 4:
INPUT0 - input register 0 description
Bit
7
6
5
4
3
2
1
0
Symbol
LED7
LED6
LED5
LED4
LED3
LED2
LED1
LED0
Default
XXXXXXXX
Table 5:
INPUT1 - input register 1 description
Bit
7
6
5
4
3
2
1
0
Symbol
LED15
LED14
LED13
LED12
LED11
LED10
LED9
LED8
Default
XXXXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com