Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9552 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9552
Description  16-bit I2C-bus LED driver with programmable blink rates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9552 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9552 Datasheet HTML 12Page - NXP Semiconductors PCA9552 Datasheet HTML 13Page - NXP Semiconductors PCA9552 Datasheet HTML 14Page - NXP Semiconductors PCA9552 Datasheet HTML 15Page - NXP Semiconductors PCA9552 Datasheet HTML 16Page - NXP Semiconductors PCA9552 Datasheet HTML 17Page - NXP Semiconductors PCA9552 Datasheet HTML 18Page - NXP Semiconductors PCA9552 Datasheet HTML 19Page - NXP Semiconductors PCA9552 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
PCA9552_5
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 05 — 9 March 2006
16 of 28
Philips Semiconductors
PCA9552
16-bit I2C-bus LED driver with programmable blink rates
[1]
All typical values at 3.3 V and 25
°C.
[2]
VDD must be lowered to 0.2 V in order to reset part.
[3]
Each I/O must be externally limited to a maximum of 25 mA and each octal ([LED0 to LED7] and [LED8 to LED15]) must be limited to a
maximum current of 100 mA for a device total of 200 mA.
Select inputs A0, A1, A2; RESET
VIL
LOW-level input voltage
−0.5
-
0.8
V
VIH
HIGH-level input voltage
2.0
-
5.5
V
ILI
input leakage current
−1-
+1
µA
Ci
input capacitance
VI =VSS
-
2.3
5
pF
Table 13:
Static characteristics …continued
VDD = 2.3 V to 5.5 V; VSS =0V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit
(1) maximum
(2) average
(3) minimum
(1) maximum
(2) average
(3) minimum
Fig 17. Typical frequency variation over process at
VDD = 2.3 V to 3.0 V
Fig 18. Typical frequency variation over process at
VDD = 3.0 V to 5.5 V
−20 %
0 %
20 %
percent
variation
−40 %
Tamb (°C)
−40
100
−20
002aac191
0
20406080
(2)
(1)
(3)
−20 %
0 %
20 %
percent
variation
−40 %
Tamb (°C)
−40
100
−20
002aac192
0
20406080
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com