Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9552 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9552
Description  16-bit I2C-bus LED driver with programmable blink rates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9552 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9552 Datasheet HTML 1Page - NXP Semiconductors PCA9552 Datasheet HTML 2Page - NXP Semiconductors PCA9552 Datasheet HTML 3Page - NXP Semiconductors PCA9552 Datasheet HTML 4Page - NXP Semiconductors PCA9552 Datasheet HTML 5Page - NXP Semiconductors PCA9552 Datasheet HTML 6Page - NXP Semiconductors PCA9552 Datasheet HTML 7Page - NXP Semiconductors PCA9552 Datasheet HTML 8Page - NXP Semiconductors PCA9552 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
PCA9552_5
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 05 — 9 March 2006
2 of 28
Philips Semiconductors
PCA9552
16-bit I2C-bus LED driver with programmable blink rates
s ESD protection exceeds 2000 V HBM per JESD22-A114, 150 V MM per
JESD22-A115 and 1000 V CDM per JESD22-C101
s Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
s Packages offered: SO24, TSSOP24, HVQFN24
3.
Ordering information
4.
Block diagram
Table 1:
Ordering information
Tamb = −40 °C to +85 °C
Type number
Topside mark Package
Name
Description
Version
PCA9552D
PCA9552D
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
PCA9552PW
PCA9552
TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
PCA9552BS
9552
HVQFN24
plastic thermal enhanced very thin quad flat package;
no leads; 24 terminals; body 4
× 4 × 0.85 mm
SOT616-1
Remark: Only one I/O shown for clarity.
Fig 1.
Block diagram of PCA9552
A0
A1
A2
002aac168
I2C-BUS
CONTROL
INPUT
FILTERS
PCA9552
POWER-ON
RESET
SCL
SDA
VDD
VSS
LEDn
RESET
OSCILLATOR
PRESCALER 1
REGISTER
PRESCALER 0
REGISTER
PWM1
REGISTER
PWM0
REGISTER
INPUT
REGISTER
LED SELECT (LSn)
REGISTER
BLINK0
BLINK1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com