Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9552 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9552
Description  16-bit I2C-bus LED driver with programmable blink rates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9552 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9552 Datasheet HTML 8Page - NXP Semiconductors PCA9552 Datasheet HTML 9Page - NXP Semiconductors PCA9552 Datasheet HTML 10Page - NXP Semiconductors PCA9552 Datasheet HTML 11Page - NXP Semiconductors PCA9552 Datasheet HTML 12Page - NXP Semiconductors PCA9552 Datasheet HTML 13Page - NXP Semiconductors PCA9552 Datasheet HTML 14Page - NXP Semiconductors PCA9552 Datasheet HTML 15Page - NXP Semiconductors PCA9552 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
PCA9552_5
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 05 — 9 March 2006
12 of 28
Philips Semiconductors
PCA9552
16-bit I2C-bus LED driver with programmable blink rates
7.4 Bus transactions
Fig 11. Write to register
0
A
S
slave address
START condition
R/W
acknowledge
from slave
002aac185
0
0
AI B3 B2 B1 B0
0
command byte
A
acknowledge
from slave
12345678
SCL
9
SDA
DATA 1
A
write to register
data out from port
tv(Q)
acknowledge
from slave
DATA 1 VALID
data to register
1
0
0
A2 A1 A0
1
Fig 12. Read from register
1
0
0
A2 A1 A0
0
A
S1
START condition
R/W
acknowledge
from slave
002aac186
A
acknowledge
from slave
SDA
A
P
acknowledge
from master
data from register
DATA (first byte)
slave address
STOP
condition
S
(repeated)
START condition
(cont.)
(cont.)
1
0
0
A2 A1 A0
1
A
1
R/W
acknowledge
from slave
slave address
at this moment master-transmitter becomes master-receiver
and slave-receiver becomes slave-transmitter
NA
no acknowledge
from master
data from register
DATA (last byte)
command byte
0
0
AI B3 B2 B1
0B0
Auto-Increment
register address
if AI = 1
Remark: This figure assumes the command byte has previously been programmed with 00h.
Fig 13. Read Input Port register
1
0
0
A2 A1 A0
1
A
S1
START condition
R/W
acknowledge
from slave
002aac187
A
acknowledge
from master
SDA
NA
read from
port
data into
port
P
th(D)
data from port
no acknowledge
from master
data from port
DATA 4
slave address
DATA 1
STOP
condition
DATA 2
DATA 3
DATA 4
tsu(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com