Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4250IDL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4250IDL
Description  MIXED SIGNAL MICROCONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4250IDL Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F4250IDL Datasheet HTML 1Page - Texas Instruments MSP430F4250IDL Datasheet HTML 2Page - Texas Instruments MSP430F4250IDL Datasheet HTML 3Page - Texas Instruments MSP430F4250IDL Datasheet HTML 4Page - Texas Instruments MSP430F4250IDL Datasheet HTML 5Page - Texas Instruments MSP430F4250IDL Datasheet HTML 6Page - Texas Instruments MSP430F4250IDL Datasheet HTML 7Page - Texas Instruments MSP430F4250IDL Datasheet HTML 8Page - Texas Instruments MSP430F4250IDL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
MSP430F42x0
MIXED SIGNAL MICROCONTROLLER
SLAS455D − MARCH 2005 − REVISED APRIL 2007
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Supply-Voltage Range, 1.8 V to 3.6 V
D Ultralow-Power Consumption:
Active Mode: 250
μA at 1 MHz, 2.2 V
Standby Mode: 1.1
μA
Off Mode (RAM Retention): 0.1
μA
D Five Power Saving Modes
D Wake-Up From Standby Mode in Less
Than 6
μs
D 16-Bit RISC Architecture,
125-ns Instruction Cycle Time
D 16-Bit Sigma-Delta A/D Converter With
Internal Reference and Five Differential
Analog Inputs
D 12-Bit D/A Converter
D 16-Bit Timer_A With Three
Capture/Compare Registers
D Brownout Detector
D Bootstrap Loader
D Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by Security
Fuse
D Integrated LCD Driver With Contrast
Control for Up to 56 Segments
D MSP430x42x0 Family Members Include:
MSP430F4250: 16KB+256B Flash Memory
256B RAM
MSP430F4260: 24KB+256B Flash Memory
256B RAM
MSP430F4270: 32KB+256B Flash Memory
256B RAM
D For Complete Module Descriptions, See
The MSP430x4xx Family User’s Guide,
Literature Number SLAU056
D For Additional Device Information, See The
MSP430F42x0 Device Erratasheet,
Literature Number SLAZ022
description
The Texas Instruments MSP430 family of ultralow-power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low power
modes, is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 6
μs.
The MSP430F42x0 is a microcontroller configuration with a 16-bit timer, a high performance 16-bit sigma-delta
A/D converter, 12-bit D/A converter, 32 I/O pins, and a liquid crystal display driver.
Typical applications for this device include analog and digital sensor systems, digital motor control, remote
controls, thermostats, digital timers, hand-held meters, etc.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
PLASTIC 48-PIN SSOP
(DL)
PLASTIC 48-PIN QFN
(RGZ)
MSP430F4250IDL
MSP430F4250IRGZ
−40
°C to 85°C
MSP430F4260IDL
MSP430F4260IRGZ
40 C to 85 C
MSP430F4270IDL
MSP430F4270IRGZ
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range
from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage
because very small parametric changes could cause the device not to meet its published specifications. These devices have limited
built-in ESD protection.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - MSP430F4250IDL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F4250IDL TI-MSP430F4250IDL Datasheet
916Kb / 57P
MIXED SIGNAL MICROCONTROLLER
MSP430F4250IDL TI1-MSP430F4250IDL Datasheet
1Mb / 65P
MIXED SIGNAL MICROCONTROLLER
MSP430F4250IDL TI2-MSP430F4250IDL Datasheet
2Mb / 67P
MIXED SIGNAL MICROCONTROLLER
REVISED APRIL 2007
MSP430F4250IDL.B TI2-MSP430F4250IDL.B Datasheet
2Mb / 67P
MIXED SIGNAL MICROCONTROLLER
REVISED APRIL 2007
MSP430F4250IDLR TI-MSP430F4250IDLR Datasheet
916Kb / 57P
MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F4250IDL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com