Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4250IDL Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4250IDL
Description  MIXED SIGNAL MICROCONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4250IDL Datasheet(HTML) 22 Page - Texas Instruments

Back Button MSP430F4250IDL Datasheet HTML 18Page - Texas Instruments MSP430F4250IDL Datasheet HTML 19Page - Texas Instruments MSP430F4250IDL Datasheet HTML 20Page - Texas Instruments MSP430F4250IDL Datasheet HTML 21Page - Texas Instruments MSP430F4250IDL Datasheet HTML 22Page - Texas Instruments MSP430F4250IDL Datasheet HTML 23Page - Texas Instruments MSP430F4250IDL Datasheet HTML 24Page - Texas Instruments MSP430F4250IDL Datasheet HTML 25Page - Texas Instruments MSP430F4250IDL Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
MSP430F42x0
MIXED SIGNAL MICROCONTROLLER
SLAS455D − MARCH 2005 − REVISED APRIL 2007
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
wake-up LPM3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f = 1 MHz
6
td(LPM3)
Delay time
f = 2 MHz
VCC = 2.2 V/3 V
6
μs
td(LPM3)
Delay time
f = 3 MHz
VCC 2.2 V/3 V
6
μs
RAM
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRAMh
CPU halted (see Note 1)
1.6
V
NOTE 1: This parameter defines the minimum supply voltage when the data in program memory RAM remain unchanged. No program execution
should take place during this supply voltage condition.
LCD_A
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC(LCD)
Supply Voltage Range
Charge pump enabled
(LCDCPEN = 1; VLCDx > 0000)
2.2
3.6
V
CLCD
Capacitor on LCDCAP (see Note 1)
Charge pump enabled
(LCDCPEN = 1; VLCDx > 0000)
4.7
μF
ICC(LCD)
Average Supply Current (see Note 2)
VLCD(typ)=3V; LCDCPEN = 1;
VLCDx= 1000, all segments on
fLCD= fACLK/32
no LCD connected (see Note 3)
TA = 25°C
2.2 V
3.8
μA
fLCD
LCD frequency
1.1
kHz
VLCD
LCD voltage
VLCDx = 0000
VCC
V
VLCD
LCD voltage
VLCDx = 0001
2.60
V
VLCD
LCD voltage
VLCDx = 0010
2.66
V
VLCD
LCD voltage
VLCDx = 0011
2.72
V
VLCD
LCD voltage
VLCDx = 0100
2.78
V
VLCD
LCD voltage
VLCDx = 0101
2.84
V
VLCD
LCD voltage
VLCDx = 0110
2.90
V
VLCD
LCD voltage
VLCDx = 0111
2.96
V
VLCD
LCD voltage
VLCDx = 1000
3.02
V
VLCD
LCD voltage
VLCDx = 1001
3.08
V
VLCD
LCD voltage
VLCDx = 1010
3.14
V
VLCD
LCD voltage
VLCDx = 1011
3.20
V
VLCD
LCD voltage
VLCDx = 1100
3.26
V
VLCD
LCD voltage
VLCDx = 1101
3.32
V
VLCD
LCD voltage
VLCDx = 1110
3.38
V
VLCD
LCD voltage
VLCDx = 1111
3.44
3.60
V
RLCD
LCD Driver Output impedance
VLCD = 3V; LCDCPEN = 1;
VLCDx = 1000, ILOAD = ±10μA
2.2 V
10
k
Ω
NOTES:
1. Enabling the internal charge pump with an external capacitor smaller than the minimum specified might damage the device.
2. Refer to the supply current specifications I(LPM3) for additional current specifications with the LCD_A module active.
3. Connecting an actual display will increase the current consumption depending on the size of the LCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com