Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4250IDL Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4250IDL
Description  MIXED SIGNAL MICROCONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4250IDL Datasheet(HTML) 15 Page - Texas Instruments

Back Button MSP430F4250IDL Datasheet HTML 11Page - Texas Instruments MSP430F4250IDL Datasheet HTML 12Page - Texas Instruments MSP430F4250IDL Datasheet HTML 13Page - Texas Instruments MSP430F4250IDL Datasheet HTML 14Page - Texas Instruments MSP430F4250IDL Datasheet HTML 15Page - Texas Instruments MSP430F4250IDL Datasheet HTML 16Page - Texas Instruments MSP430F4250IDL Datasheet HTML 17Page - Texas Instruments MSP430F4250IDL Datasheet HTML 18Page - Texas Instruments MSP430F4250IDL Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
MSP430F42x0
MIXED SIGNAL MICROCONTROLLER
SLAS455D − MARCH 2005 − REVISED APRIL 2007
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
peripheral file map
PERIPHERALS WITH WORD ACCESS
Watchdog
Watchdog timer control
WDTCTL
0120h
Timer_A3
Capture/compare register 2
TACCR2
0176h
_
Capture/compare register 1
TACCR1
0174h
Capture/compare register 0
TACCR0
0172h
Timer_A register
TAR
0170h
Capture/compare control 2
TACCTL2
0166h
Capture/compare control 1
TACCTL1
0164h
Capture/compare control 0
TACCTL0
0162h
Timer_A control
TACTL
0160h
Timer_A interrupt vector
TAIV
012Eh
Flash
Flash control 3
FCTL3
012Ch
Flash control 2
FCTL2
012Ah
Flash control 1
FCTL1
0128h
DAC12
DAC12_0 data
DAC12_0DAT
01C8h
DAC12_0 control
DAC12_0CTL
01C0h
SD16_A
General Control
SD16CTL
0100h
_
(see also:
Peripherals with
Channel 0 Control
SD16CCTL0
0102h
Peripherals with
Byte Access)
Interrupt vector word register
SD16IV
0110h
Byte Access)
Channel 0 conversion memory
SD16MEM0
0112h
PERIPHERALS WITH BYTE ACCESS
SD16_A
(see also:
Channel 0 Input Control
SD16INCTL0
0B0h
(see also:
Peripherals with
Word Access)
Analog Enable
SD16AE
0B7h
LCD_A
LCD Voltage Control 1
LCD Voltage Control 0
LCD Voltage Port Control 1
LCD Voltage Port Control 0
LCD memory 20
:
LCD memory 16
LCD memory 15
:
LCD memory 1
LCD control and mode
LCDAVCTL1
LCDAVCTL0
LCDAPCTL1
LCDAPCTL0
LCDM20
:
LCDM16
LCDM15
:
LCDM1
LCDACTL
0AFh
0AEh
0ADh
0ACh
0A4h
:
0A0h
09Fh
:
091h
090h
FLL+ Clock
FLL+ Control 1
FLL_CTL1
054h
FLL+ Control 0
FLL_CTL0
053h
System clock frequency control
SCFQCTL
052h
System clock frequency integrator
SCFI1
051h
System clock frequency integrator
SCFI0
050h
Basic Timer1
BT counter 2
BT counter 1
BT control
BTCNT2
BTCNT1
BTCTL
047h
046h
040h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com