Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F008SC Datasheet(PDF) 9 Page - Sharp Corporation

Part # LH28F008SC
Description  8M (1M 횞 8) Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC Datasheet(HTML) 9 Page - Sharp Corporation

Back Button LH28F008SC Datasheet HTML 5Page - Sharp Corporation LH28F008SC Datasheet HTML 6Page - Sharp Corporation LH28F008SC Datasheet HTML 7Page - Sharp Corporation LH28F008SC Datasheet HTML 8Page - Sharp Corporation LH28F008SC Datasheet HTML 9Page - Sharp Corporation LH28F008SC Datasheet HTML 10Page - Sharp Corporation LH28F008SC Datasheet HTML 11Page - Sharp Corporation LH28F008SC Datasheet HTML 12Page - Sharp Corporation LH28F008SC Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
8M (1M × 8) Flash Memory
LH28F008SC
9
COMMAND
BUS
CYCLES
REQ'D
FIRST BUS CYCLE
SECOND BUS CYCLE
NOTE
OPER.
1
ADDRESS
2
DATA
3
OPER.
1
ADDRESS
2
DATA
3
Read Array/Reset
1
Write
X
FFH
Read Identifier Codes
≥ 2
Write
X
90HRead
IA
ID4
Read Status Register
2
Write
X
70H
Read
X
SRD
Clear Status Register
1
Write
X
50H
Block Erase
2
Write
BA
20H
Write
BA
D0H
5
Byte Write
2
Write
WA
40H or 10H
Write
WD
5, 6
Block Erase and Byte
Write Suspend
1Write
X
B0H
WA
5
Block Erase and Byte
Write Resume
1Write
X
D0H
5
Set Block Lock-Bit
2
Write
BA
60H
Write
BA
01H
7
Set Master Lock-Bit
2
Write
X
60H
Write
X
F1H
7
Clear Block Lock Bits
2
Write
X
60H
Write
X
D0H
8
Command Definitions9
NOTES:
1. Bus operations are defined in Bus Definition Table.
2. X = Any valid address within the device.
IA = Idendifier Code Address: see Figure 5.
BA = Address within the block being erased or locked.
WA = Address of memory location to be written.
3. SRD = Data read from status register. See Status Register for a description of the status register bits.
WD = Data to be written at location WA. Data is latched on the rising edge of WE
  » or CE  » (whichever goes high first).
ID = Data read from identifier codes.
4. Following the Read Identifier Codes command, read operations access manufacturer, device, block lock, and master lock codes.
See Read Identifier Code Command Section for read identifier code data.
5. If the block is locked, RP
  » must be at VHH to enable block erase or byte write operations. Attempts to issue a block erase or byte
write to locked block while RP
  » is VIH.
6. Either 40H or 10H are recognized by the WSM as the byte write setup.
7. If the master lock-bit is set, RP
  » must be at VHH to set a block lock-bit. RP  » must be at VHH to set the master lock-bit. If the master
lock-bit is not set, a block lock-bit can be set while RP
  » is VIH.
8. If the master lock-bit is set, RP
  » must be at VHH to clear block lock-bits. The clear block lock-bits operation simultaneously clears all
block lock-bits. If the master lock-bit is not set, the Clear Block Lock-Bits command can be done while RP
  » is VIH.
9. Commands other than those shown above are reserved by SHARP for future device implementations and should not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com