Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F008SC Datasheet(PDF) 33 Page - Sharp Corporation

Part # LH28F008SC
Description  8M (1M 횞 8) Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC Datasheet(HTML) 33 Page - Sharp Corporation

Back Button LH28F008SC Datasheet HTML 29Page - Sharp Corporation LH28F008SC Datasheet HTML 30Page - Sharp Corporation LH28F008SC Datasheet HTML 31Page - Sharp Corporation LH28F008SC Datasheet HTML 32Page - Sharp Corporation LH28F008SC Datasheet HTML 33Page - Sharp Corporation LH28F008SC Datasheet HTML 34Page - Sharp Corporation LH28F008SC Datasheet HTML 35Page - Sharp Corporation LH28F008SC Datasheet HTML 36Page - Sharp Corporation LH28F008SC Datasheet HTML 37Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
8M (1M × 8) Flash Memory
LH28F008SC
33
Figure 18. AC Waveform for Reset Operation
RESET OPERATIONS
SYMBOL
PARAMETER
V
CC = 3.3 V
V
CC = 5 V
UNIT
NOTE
MIN.
MAX.
MIN.
MAX.
t
PLPH
RP
» Pulse Low Time (If RP» is tied to V
CC, this
specification is not applicable)
100
100
ns
t
PLRH
RP
» Low to Reset during Block Erase, Byte Write, or
Lock-Bit Configuration
20
12
µs
2,3
Reset AC Specifications1
NOTES:
1. These specifications are valid for all product versions (packages and speeds).
2. If RP
  » is asserted while a block erase, byte write, or lock-bit configuration operation is not executing,
the reset will complete within 100 ns.
3. A reset time tPHQV, is required from the latter of RY  »/BY  » or RP  » going high until outputs are valid.
tPLPH
tPLPH
tPLRH
RP (P)
VIH
VIL
RY/BY (R)
VIH
VIL
RY/BY (R)
A. Reset During Read Array Mode
B. Reset During Block Erase, Byte Write, or Lock-Bit Configuration
VIH
VIL
RP (P)
VIH
VIL
28F008SC-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com