Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F008SC Datasheet(PDF) 2 Page - Sharp Corporation

Part # LH28F008SC
Description  8M (1M 횞 8) Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC Datasheet(HTML) 2 Page - Sharp Corporation

  LH28F008SC Datasheet HTML 1Page - Sharp Corporation LH28F008SC Datasheet HTML 2Page - Sharp Corporation LH28F008SC Datasheet HTML 3Page - Sharp Corporation LH28F008SC Datasheet HTML 4Page - Sharp Corporation LH28F008SC Datasheet HTML 5Page - Sharp Corporation LH28F008SC Datasheet HTML 6Page - Sharp Corporation LH28F008SC Datasheet HTML 7Page - Sharp Corporation LH28F008SC Datasheet HTML 8Page - Sharp Corporation LH28F008SC Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LH28F008SC
8M (1M × 8) Flash Memory
2
Figure 3. SOP 44-Pin Configuration
V
CC VOLTAGE
V
PP VOLTAGE
3.3 V
3.3 V, 5 V, 12 V
5 V
5 V, 12 V
INTRODUCTION
SHARP’S LH28F008SC FlashFile™ memory with
SmartVoltage technology is a high-density, low-cost, non-
volatile, read/write storage solution for a wide range of
applications. Its symmetrically-blocked architecture, flex-
ible voltage and extended cycling provide for highly flex-
ible component suitable for resident flash arrays, SIMMs
and memory cards.Its enhanced suspend capabilities pro-
vide for an ideal solution for code and data storage appli-
cations. For secure code storage applications, such as
networking, where code is either directly executed out of
flash or downloaded to DRAM, the LH28F008SC offers
three levels of protection: absolute protection with VPP at
GND, selective hardware block locking, or flexible software
block locking. These alternatives give designers ultimate
control of their code security needs.
The LH28F008SC is manufactured on SHARP’s
0.4 µm ETOX™ V process technology. It comes in in-
dustry-standard packages: the 40-pin TSOP, ideal for
board constrained applications, and the rugged 44-pin
SOP. Based on the 28F008SA architecture, the
LH28F008SC enables quick and easy upgrades for
designs demanding the state-of-the art.
New Features
The LH28F008SC SmartVoltage FlashFile memory
maintains backwards-compatiblity with SHARP’S
28F008SA. Key enhancements over the 28F008SA
include:
SmartVoltageTechnology
Enhanced Suspend Capabilities
In-System Block Locking
Both devices share a compatible pinout, status reg-
ister, and software command set. These similarities
enable a clean upgrade from the 28F008SA to
LH28F008SC. When upgrading, it is important to note
the following differences:
• Because of new feature support, the two devices
have different device codes. This allows for soft-
ware optimization.
•VPPLK has been lowered from 6.5 V to 1.5 V to
support 3.3 V and 5 V block erase, byte write, and
lock-bit configuration operations. Designs that
switch VPP off during read operations should make
sure that the VPP voltage transitions to GND.
• To take advantage of SmartVoltage technology,
allow VPP connection to 3.3 V or 5 V.
DESCRIPTION
The LH28F008SC is a high-performance 8M Smart-
Voltage FlashFile memory organized as 1M of 8 bits.The
1M of data is arranged in sixteen 64K blocks which are
individually erasable, lockable, and unlockable in-system.
The memory map is shown in Figure 5.
SmartVoltage technology provides a choice of VCC
and VPP combinations, as shown in theVoltage Combi-
nations Table, to meet system performance and power
expectations. 3.3 V VCC consumes approximately one-
fourth the power of 5 V VCC. But, 5 V VCC provides the
highest read performance. VPP at 3.3 V and 5 V elimi-
nates the need for a separate 12 V converter, while
VPP = 12 V maximizes block erase and byte write per-
formance. In addition to flexible erase and program volt-
ages, the dedicated VPP pin gives complete data
protection when VPP ≤ VPPLK.
VCC and VPP Voltage Combinations
Offered by SmartVoltage Technology
28F008SC-2
TOP VIEW
44-PIN SOP
2
3
4
5
8
9
A6
A9
41
40
39
38
37
36
33
30
6
7
A7
A8
A10
VPP
A11
RP
35
34
10
11
12
43
42
A12
A13
A14
A15
A16
A17
A18
A19
13
32
NC
NC
WE
31
14
15
16
17
18
19
20
27
29
28
26
25
RY/BY
DQ7
DQ6
DQ5
DQ3
DQ2
DQ1
DQ0
21
22
24
23
DQ4
VCC
GND
GND
A2
A1
A3
A0
CE
OE
44
1
VCC
NC
A4
NC
A5
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com