Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F008SC Datasheet(PDF) 25 Page - Sharp Corporation

Part # LH28F008SC
Description  8M (1M 횞 8) Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC Datasheet(HTML) 25 Page - Sharp Corporation

Back Button LH28F008SC Datasheet HTML 21Page - Sharp Corporation LH28F008SC Datasheet HTML 22Page - Sharp Corporation LH28F008SC Datasheet HTML 23Page - Sharp Corporation LH28F008SC Datasheet HTML 24Page - Sharp Corporation LH28F008SC Datasheet HTML 25Page - Sharp Corporation LH28F008SC Datasheet HTML 26Page - Sharp Corporation LH28F008SC Datasheet HTML 27Page - Sharp Corporation LH28F008SC Datasheet HTML 28Page - Sharp Corporation LH28F008SC Datasheet HTML 29Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
8M (1M × 8) Flash Memory
LH28F008SC
25
AC CHARACTERISTICS - Read Only Operations1
VCC = 3.3 V ± 0.3 V, TA = 0°C to +70°C
SYMBOL
PARAMETER
LH28F008SC-120
LH28F008SC-150
UNIT
NOTE
MIN.
MAX.
MIN.
MAX.
t
AVAV
Read Cycle Time
120
150
ns
t
AVQV
Address to Output Delay
120
150
ns
t
ELQV
CE
» to Output Delay
120
150
ns
2
t
PHQV
RP
» High to Output Delay
600
600
ns
t
GLQV
OE
» to Output Delay
50
55
ns
2
t
ELQX
CE
» to Output in Low Z
0
0
ns
3
t
EHQZ
CE
» High to Output in High Z
55
55
ns
3
t
GLQX
CE
» to Output in Low Z
0
0
ns
3
t
GHQZ
OE
» High to Output in High Z
20
25
ns
3
t
OH
Output Hold from Addresses, CE
»
or OE
» change, whichever is first
00
ns
3
VCC = 5 V ± 0.5 V, 5 V ± 0.25 V, TA = 0°C to +70°C
SYMBOL
PARAMETER
LH28F00SC-855
V
CC ± 5%
LH28F00SC-906
V
CC ± 10%
LH28F00SA-1206
V
CC ± 10%
UNIT
NOTE
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
t
AVAV
Read Cycle Time
85
90
120
ns
t
AVQV
Address to Output Delay
85
90
120
ns
t
ELQV
CE
» to Output Delay
85
90
120
ns
2
t
PHQV
RP
» High to Output Delay
400
400
400
ns
t
GLQV
OE
» to Output Delay
40
45
50
ns
2
t
ELQX
CE
» to Output in Low Z
0
0
0
ns
3
t
EHQZ
CE
» High to Output in High Z
55
55
55
ns
3
t
GLQX
CE
» to Output in Low Z
00
0ns
3
t
GHQZ
OE
» High to Output in High Z
10
10
15
ns
3
t
OH
Output Hold from Addresses, CE
»
or OE
» change, whichever is first
00
0ns
3
NOTES:
1. See AC Input/Output Reference Waveform for maximum allowable input slew rate.
2. OE
  » may be delayed to to tELQV - tGLQV after the falling edge of CE  » without inpact on tELQV.
3. Sampled, not 100% tested.
4. See Ordering Information for device speeds (valid operational combinations).
5. See Transient Input/Output Reference Waveform and Transient Equivalent Testing Load Circuit (High Speed Configuration) for testing
characteristics.
6. See Transient Input/Output Reference Waveform and Transient Equivalent Testing Load Circuit (Standard Configuration) for testing
characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com