Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1102 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # LPC1102
Description  32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1102 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button LPC1102 Datasheet HTML 19Page - NXP Semiconductors LPC1102 Datasheet HTML 20Page - NXP Semiconductors LPC1102 Datasheet HTML 21Page - NXP Semiconductors LPC1102 Datasheet HTML 22Page - NXP Semiconductors LPC1102 Datasheet HTML 23Page - NXP Semiconductors LPC1102 Datasheet HTML 24Page - NXP Semiconductors LPC1102 Datasheet HTML 25Page - NXP Semiconductors LPC1102 Datasheet HTML 26Page - NXP Semiconductors LPC1102 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
LPC1102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 24 June 2011
23 of 39
NXP Semiconductors
LPC1102
32-bit ARM Cortex-M0 microcontroller
Conditions: VDD = 3.3 V; sleep mode entered from flash; all peripherals disabled in the
SYSAHBCLKCTRL register (SYSAHBCLKCTRL= 0x1F); all peripheral clocks disabled; internal
pull-up resistors disabled; BOD disabled; low-current mode.
(1) System PLL disabled; IRC enabled.
(2) System PLL enabled; IRC disabled.
Fig 8.
Sleep mode: Typical supply current IDD versus temperature for different system
clock frequencies
Conditions: BOD disabled; all oscillators and analog blocks disabled in the PDSLEEPCFG register
(PDSLEEPCFG = 0x0000 18FF).
Fig 9.
Deep-sleep mode: Typical supply current IDD versus temperature for different
supply voltages VDD
temperature (
°C)
−40
85
35
10
60
−15
002aaf982
2
4
6
IDD
(mA)
0
12 MHz(1)
24 MHz(2)
36 MHz(2)
48 MHz(2)
002aaf977
temperature (
°C)
−40
85
35
10
60
−15
2.5
4.5
3.5
5.5
IDD
(
μA)
1.5
VDD = 3.3 V, 3.6 V
1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com