Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1102 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC1102
Description  32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1102 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC1102 Datasheet HTML 12Page - NXP Semiconductors LPC1102 Datasheet HTML 13Page - NXP Semiconductors LPC1102 Datasheet HTML 14Page - NXP Semiconductors LPC1102 Datasheet HTML 15Page - NXP Semiconductors LPC1102 Datasheet HTML 16Page - NXP Semiconductors LPC1102 Datasheet HTML 17Page - NXP Semiconductors LPC1102 Datasheet HTML 18Page - NXP Semiconductors LPC1102 Datasheet HTML 19Page - NXP Semiconductors LPC1102 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
LPC1102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 24 June 2011
16 of 39
NXP Semiconductors
LPC1102
32-bit ARM Cortex-M0 microcontroller
8.
Limiting values
[1]
The following applies to the limiting values:
a) This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated
maximum.
b) Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
[2]
Including voltage on outputs in 3-state mode.
[3]
The peak current is limited to 25 times the corresponding maximum current.
[4]
The maximum non-operating storage temperature is different than the temperature for required shelf life which should be determined
based on required shelf lifetime. Please refer to the JEDEC spec (J-STD-033B.1) for further details.
[5]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
 series resistor.
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage (core and external rail)
1.8
3.6
V
VI
input voltage
5 V tolerant I/O
pins; only valid
when the VDD
supply voltage is
present
[2]
0.5
+5.5
V
IDD
supply current
per supply pin
[3] -
100
mA
ISS
ground current
per ground pin
[3] -
100
mA
Ilatch
I/O latch-up current
(0.5V
DD) < VI <
(1.5VDD);
Tj < 125 C
-
100
mA
Tstg
storage temperature
non-operating
[4]
65
+150
C
Tj(max)
maximum junction temperature
-
150
C
Ptot(pack)
total power dissipation (per package)
based on package
heat transfer, not
device power
consumption
-1.5
W
VESD
electrostatic discharge voltage
human body
model; all pins
[5]
6500
+6500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com