| Electronic Components Datasheet Search |
|
LPC1102 Datasheet(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1102 Datasheet(HTML) 15 Page - NXP Semiconductors |
|
15 / 39 page ![]() LPC1102 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 4 — 24 June 2011 15 of 39 NXP Semiconductors LPC1102 32-bit ARM Cortex-M0 microcontroller 2. CRP2 disables access to the chip via the SWD and only allows full flash erase and update. 3. Running an application with level CRP3 selected fully disables any access to the chip via the SWD pins. Remark: The LPC1102 does not provide an ISP entry pin to be monitored at reset. For all three CRP levels, the user’s application code must provide a flash update mechanism which reinvokes ISP by defining a user-selected PIOn pin for ISP entry. 7.15.5 APB interface The APB peripherals are located on one APB bus. 7.15.6 AHBLite The AHBLite connects the CPU bus of the ARM Cortex-M0 to the flash memory, the main static RAM, and the Boot ROM. 7.15.7 External interrupt inputs All GPIO pins can be level or edge sensitive interrupt inputs. In addition, start logic inputs serve as external interrupts (see Section 7.15.1). 7.16 Emulation and debugging Debug functions are integrated into the ARM Cortex-M0. Serial wire debug with four breakpoints and two watchpoints is supported. Remark: Care must be taken when using the SPI because the SPI clock SCK and the serial wire debug clock SWCLK share the same pin on the WLCSP16 package. Once the SPI is enabled, the serial wire debugger is no longer available. CAUTION If Code Read Protection of any level (CRP1, CRP2 or CRP3) is selected, no future factory testing can be performed on the device. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |