Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1102 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC1102
Description  32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1102 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC1102 Datasheet HTML 28Page - NXP Semiconductors LPC1102 Datasheet HTML 29Page - NXP Semiconductors LPC1102 Datasheet HTML 30Page - NXP Semiconductors LPC1102 Datasheet HTML 31Page - NXP Semiconductors LPC1102 Datasheet HTML 32Page - NXP Semiconductors LPC1102 Datasheet HTML 33Page - NXP Semiconductors LPC1102 Datasheet HTML 34Page - NXP Semiconductors LPC1102 Datasheet HTML 35Page - NXP Semiconductors LPC1102 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
LPC1102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 24 June 2011
32 of 39
NXP Semiconductors
LPC1102
32-bit ARM Cortex-M0 microcontroller
11. Application information
11.1 ADC usage notes
The following guidelines show how to increase the performance of the ADC in a noisy
environment beyond the ADC specifications listed in Table 6:
• The ADC input trace must be short and as close as possible to the LPC1102 chip.
• The ADC input traces must be shielded from fast switching digital signals and noisy
power supply lines.
• Because the ADC and the digital core share the same power supply, the power supply
line must be adequately filtered.
• To improve the ADC performance in a very noisy environment, put the device in Sleep
mode during the ADC conversion.
11.2 XTAL input
The input voltage to the on-chip oscillators is limited to 1.8 V. If the oscillator is driven by a
clock in slave mode, it is recommended that the input be coupled through a capacitor with
Ci = 100 pF. To limit the input voltage to the specified range, choose an additional
capacitor to ground Cg which attenuates the input voltage by a factor Ci/(Ci + Cg). In slave
mode, a minimum of 200 mV (RMS) is needed.
In slave mode the input clock signal should be coupled by means of a capacitor of 100 pF
(Figure 19), with an amplitude between 200 mV (RMS) and 1000 mV (RMS). This
corresponds to a square wave signal with a signal swing of between 280 mV and 1.4 V.
11.3 Standard I/O pad configuration
Figure 20 shows the possible pin modes for standard I/O pins with analog input function:
• Digital output driver
• Digital input: Pull-up enabled/disabled
• Digital input: Pull-down enabled/disabled
• Digital input: Repeater mode enabled/disabled
• Analog input
Fig 19. Slave mode operation of the on-chip oscillator
LPC1xxx
XTALIN
Ci
100 pF
Cg
002aae788



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com