Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS013B4DN01 Datasheet(PDF) 14 Page - Sharp Corporation

Part # LS013B4DN01
Description  LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN01 Datasheet(HTML) 14 Page - Sharp Corporation

Back Button LS013B4DN01 Datasheet HTML 10Page - Sharp Corporation LS013B4DN01 Datasheet HTML 11Page - Sharp Corporation LS013B4DN01 Datasheet HTML 12Page - Sharp Corporation LS013B4DN01 Datasheet HTML 13Page - Sharp Corporation LS013B4DN01 Datasheet HTML 14Page - Sharp Corporation LS013B4DN01 Datasheet HTML 15Page - Sharp Corporation LS013B4DN01 Datasheet HTML 16Page - Sharp Corporation LS013B4DN01 Datasheet HTML 17Page - Sharp Corporation LS013B4DN01 Datasheet HTML 18Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
SPEC No.
LCY-12T09302A
MODEL No.
LS013B4DN01
PAGE
12
6-4)Power consumption (Average)
Table6-4
Ta=25℃
Item
Symbol
MIN
TYP
MAX
unit
Remark
Condition1
15
uW
[Remark6-6]
Condition2
30
uW
[Remark6-6]
*
Condition1
Display mode (No display data update)
Common AC Driving with VDD=5V, VDDA=5V, fSCLK=1MHz, fSCS=1Hz, Display pattern: Vertical stripe display
*
Condition 2
Data Renew mode (With display data update: 1Hz)
Common AC Driving with VDD=5V, VDDA=5V, fSCLK=1MHz, fSCS=1Hz, Display pattern: Vertical stripe display
[Remark6-6] This is the average power in normal condition, not the peak power for COM driving.
Allow margin in power supply. Use of capacitor is recommended for VDD+VDDA.
(If VDD and VDDA are separate, use of capacitor on each is recommended.)
6-5)Input Signal Timing Chart
6-5-1 Data Renew Mode (1 line)
Renews data on one specified line. (M0=”H”, M2=”L”)
Renews data on one specified line. (M0=”H”, M2=”L”)
SCS
SI
M0 M1 M2 DMYDMYDMYDMYDMY AG0 AG1 AG2 AG3 AG4 AG5 AG6 DMY D1 D2 D3 D4
D93 D94 D95 D96
DUMMY DATA(don't care)
SCLK
・
M0:Mode flag: If M0 is "H". -> Data refresh mode "Pixel data will be updated" . If M0 is "L" -> Display mode "Pixel data is held.
・
M1:LC polarity inversion flag: If M1is "H" then VCOM="H" is output. If M1 is "L" then VCOM="L" is output. In addition, if EXTMODE is set as "H", M1 set value doesn't matter.
・
M2:All flags are cleared. If M2 is "L" then all flags are cleared.
When all clear are needed, refer to "all clear timing chart"
・
D1 - D96:Display data: If D* is "L" then Black display can be appeared, if D* is "H" then White display can be appeared
・
DUMMY DATA: Dummy data. Don't care but "L" is recommended
tsSI
thSI
tsSCS
Data writing period
(96ck)
Data transfer period
(16ck)
Mode selection period
(3ck+5ckDMY)
twSCLKH
twSCLKL
twSCSH
Gate line address period
(7ck+1ckDMY)
thSCS
twSCSL
※
In terms of Data writing period
Data has been stored in 1st latch block of Binary driver on
Panel.
※
In term of Data transfer period
The data which has been stored in 1st latch block is
transferred to pixel memory.
※
Refer to 6-6) Input Signal and Display for gate line address setting.
※
M1: Frame inversion flag is enabled when EXTMODE=”L”.
※
When SCS becomes L, M0 and M2 are cleared.
※
In renew mode (When M2=”H”) do “All Clear”, and set P1 through P96 as L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com