Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS013B4DN01 Datasheet(PDF) 17 Page - Sharp Corporation

Part # LS013B4DN01
Description  LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN01 Datasheet(HTML) 17 Page - Sharp Corporation

Back Button LS013B4DN01 Datasheet HTML 13Page - Sharp Corporation LS013B4DN01 Datasheet HTML 14Page - Sharp Corporation LS013B4DN01 Datasheet HTML 15Page - Sharp Corporation LS013B4DN01 Datasheet HTML 16Page - Sharp Corporation LS013B4DN01 Datasheet HTML 17Page - Sharp Corporation LS013B4DN01 Datasheet HTML 18Page - Sharp Corporation LS013B4DN01 Datasheet HTML 19Page - Sharp Corporation LS013B4DN01 Datasheet HTML 20Page - Sharp Corporation LS013B4DN01 Datasheet HTML 21Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
SPEC No.
LCY-12T09302A
MODEL No.
LS013B4DN01
PAGE
15
6-5-4 All Clear mode
Clear data in the pixel and the memory data and displays white color. (M0=”L”、M2=”H”)
SCS
SI
DUMMY DATA(don't care)
DUMMY DATA(don't care)
SCLK
・
M0:Mode flag: If M0 is "L" then display mode "Pixel data is held",
If M0 is "H" then Data refresh mode "Pixel data will be updated.
・
M1:LC polarity inversion flag: If M1is "H" then VCOM="H" is output.
If M1 is "L" then VCOM="L" is output.
In addition, if EXTMODE is set as "H", M1 set value doesn't matter.
・
M2:All flags are cleared. If M2 is L then all flags are cleared.
When all clear are needed, refer to "all clear timing chart"
・
DUMMY DATA: Dummy data. Don't care but "L" is recommended
M0
M1
M2
M0
M1
M2
tsSI
thSI
tsSCS
Mode selection
period
(3ck)
twSCSH
tV
thSCS
twSCSL
Data transfer period
(More than 13ck)
※
M1: Frame inversion flag is enabled when EXTMODE=”L”.
※
When SCS becomes L, M0 and M2 are cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com