Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS013B4DN01 Datasheet(PDF) 24 Page - Sharp Corporation

Part # LS013B4DN01
Description  LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN01 Datasheet(HTML) 24 Page - Sharp Corporation

Back Button LS013B4DN01 Datasheet HTML 20Page - Sharp Corporation LS013B4DN01 Datasheet HTML 21Page - Sharp Corporation LS013B4DN01 Datasheet HTML 22Page - Sharp Corporation LS013B4DN01 Datasheet HTML 23Page - Sharp Corporation LS013B4DN01 Datasheet HTML 24Page - Sharp Corporation LS013B4DN01 Datasheet HTML 25Page - Sharp Corporation LS013B4DN01 Datasheet HTML 26Page - Sharp Corporation LS013B4DN01 Datasheet HTML 27Page - Sharp Corporation LS013B4DN01 Datasheet HTML 28Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
SPEC No.
LCY-12T09302A
MODEL No.
LS013B4DN01
PAGE
22
10. External Power Supply Circuit
10-1An external power supply circuit is necessary to drive the Pixel Memory LCD with the 3V battery.
Table 1-1 shows power supply IC of the recommendation.
Table 1-1
Maker
Model Number
Note
SII
S-8821
Charge pump type
National Semiconductor
LM2750
Charge pump type
Refer to specifications of each power supply IC for a detailed specification.
Set the constant value after it evaluating it sufficiently by an actual application when you use it.
10-2. Electrical specification
Table 2-1
Vin [V]
Vout
Model Number
min
max
min
typ
max
Iout
[A]
S-8821
2.8
5.0
4.9
5.0
5.1
0.04
LM2750
2.7
5.6
4.8
5.0
5.2
0.04
Refer to specifications of each power supply IC for a detailed specification.
Set the constant value after it evaluating it sufficiently by an actual application when you use it.
10-3. Reference circuit
The reference circuit is shown below.
S-8821
LM2750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com