Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS013B4DN01 Datasheet(PDF) 27 Page - Sharp Corporation

Part # LS013B4DN01
Description  LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN01 Datasheet(HTML) 27 Page - Sharp Corporation

Back Button LS013B4DN01 Datasheet HTML 21Page - Sharp Corporation LS013B4DN01 Datasheet HTML 22Page - Sharp Corporation LS013B4DN01 Datasheet HTML 23Page - Sharp Corporation LS013B4DN01 Datasheet HTML 24Page - Sharp Corporation LS013B4DN01 Datasheet HTML 25Page - Sharp Corporation LS013B4DN01 Datasheet HTML 26Page - Sharp Corporation LS013B4DN01 Datasheet HTML 27Page - Sharp Corporation LS013B4DN01 Datasheet HTML 28Page - Sharp Corporation LS013B4DN01 Datasheet HTML 29Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
SPEC No.
LCY-12T09302A
MODEL No.
LS013B4DN01
PAGE
25
12-2)Forwarding form
①
Piling number of cartons : Max 12
Package quality in a carton: 1,000pcs
②
Conditions for storage.
・
Temperature: 0~40℃
・
Humidity: 60%RH or less (at 40℃) No dew condensation at low temperature and high humidity.
・
Atmosphere:Harmful gas, such as acid or alkali which bites electronic
components and/or wires, must not be detected.
・
Period
: about 3 months
・
Opening of the package
: In order to prevent the LCD module from breakdown by electrostatic charge,
please control the room humidity over 50%RH and open the package taking
sufficient countermeasures against electrostatic charges, such as earth, etc.
12-3)Packaging
fig 12-2 Packege Form



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com