Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS013B4DN01 Datasheet(PDF) 20 Page - Sharp Corporation

Part # LS013B4DN01
Description  LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN01 Datasheet(HTML) 20 Page - Sharp Corporation

Back Button LS013B4DN01 Datasheet HTML 16Page - Sharp Corporation LS013B4DN01 Datasheet HTML 17Page - Sharp Corporation LS013B4DN01 Datasheet HTML 18Page - Sharp Corporation LS013B4DN01 Datasheet HTML 19Page - Sharp Corporation LS013B4DN01 Datasheet HTML 20Page - Sharp Corporation LS013B4DN01 Datasheet HTML 21Page - Sharp Corporation LS013B4DN01 Datasheet HTML 22Page - Sharp Corporation LS013B4DN01 Datasheet HTML 23Page - Sharp Corporation LS013B4DN01 Datasheet HTML 24Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
SPEC No.
LCY-12T09302A
MODEL No.
LS013B4DN01
PAGE
18
7.Optical characteristics
Table 7-1
Ta=25℃
Item
Symbol
MIN.
TYP.
MAX.
unit
Remark
H
θ21,θ22
TBD
°(degree)
θ11
TBD
°(degree)
Viewing angle
CR≧5
V
θ12
TBD
°(degree)
[Remark7-1]
Contrast ratio
CR.
5
10
[Remark7-2、3]
Reflecivity ratio
R
50
%
[remark7-3]
Rise
τr
50
ms
Response time
Fall
τd
50
ms
[Remark 7-3,4]
x
0.313
[Remark7-3]
Panel
Chromaticity
White
y
0.338
[Remark7-3] Optical characteristics measurement equipment.
Figure 7-2 is for contrast ratio, reflectivity ratio, and panel chromaticity measurement, and figure 7-3 is for response time
measurement. Both are to be conducted in a dark or room equipment to a dark room
Fig7-2 Contrast ratio, Reflection ratio, Panel chromaticity of white
Fig7-3 response time
Display center
LCD panel
Normal line
Light receiver
Light source
-30°
Display center
Measurement equipment (LCD-5200)
Measurement equipment (CM-2002)
Normal line
Light receiver
Light source
LCD panel
Integrating
sphere



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com