Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6334 Datasheet(PDF) 11 Page - MOSA ELECTRONICS

Part # MS6334
Description  16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6334 Datasheet(HTML) 11 Page - MOSA ELECTRONICS

Back Button MS6334 Datasheet HTML 7Page - MOSA ELECTRONICS MS6334 Datasheet HTML 8Page - MOSA ELECTRONICS MS6334 Datasheet HTML 9Page - MOSA ELECTRONICS MS6334 Datasheet HTML 10Page - MOSA ELECTRONICS MS6334 Datasheet HTML 11Page - MOSA ELECTRONICS MS6334 Datasheet HTML 12Page - MOSA ELECTRONICS MS6334 Datasheet HTML 13Page - MOSA ELECTRONICS MS6334 Datasheet HTML 14Page - MOSA ELECTRONICS MS6334 Datasheet HTML 15Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MOSA
MS6334/6335
16bits Stereo Audio DAC integrated HP Driver with Volume Control
REV 5
11/20
www.mosanalog.com
Set attenuation of right channel at –22.5dB. Volume control code = 4CH.
Stop
Start
Chip Address
ACK
0
1
0
0
0
0
1
1
R-ch, -22.5dB
ACK
Preparation for power off. Code = 82H or 83H.
Stop
Start
Chip Address
ACK
1
0
0
0
1
x
00
Power Off Preparation = 1
ACK
FM application. OPAmp active, HP active. DAC inactive, DAC mute off. Code = 65H.
The chip enters line-in mode.
Stop
Start
Chip Address
ACK
0
1
1
0
0
1
01
HPPD = 0
OPAmp = 0
ACK
Power down mode (shut down mode). Code = 6FH
The chip enters power down mode. The shut down current is approximately 11uA.
Stop
Start
Chip Address
ACK
0
1
1
0
1
1
11
DACM = 1
DACPD = 1
HPPD =1
OPAmp =1
ACK
SPI BUS INTERFACE
In SPI mode, SCL is serial clock, SDA is serial data and AO/CS latches the data word into the MS6334. A control word
consist of 16bit, starting with the MSB. The data bits are latched on the rising edge of SCL. A rising edge of AO/CS
latches the data into the MS6334 after sixteenth rising clock edge.
15
14
13
10
9
8
MSB
CS/AO
SCL
SDA
73
2
12
11
5
64
0
1
LSB
Fig.5
SPI format
SPI data word description
MSB
LSB
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
0
0
0
0
0
0
0
0
Reference to I2C data bytes description
The initial state is the same as I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com