Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6334 Datasheet(PDF) 18 Page - MOSA ELECTRONICS

Part # MS6334
Description  16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6334 Datasheet(HTML) 18 Page - MOSA ELECTRONICS

Back Button MS6334 Datasheet HTML 12Page - MOSA ELECTRONICS MS6334 Datasheet HTML 13Page - MOSA ELECTRONICS MS6334 Datasheet HTML 14Page - MOSA ELECTRONICS MS6334 Datasheet HTML 15Page - MOSA ELECTRONICS MS6334 Datasheet HTML 16Page - MOSA ELECTRONICS MS6334 Datasheet HTML 17Page - MOSA ELECTRONICS MS6334 Datasheet HTML 18Page - MOSA ELECTRONICS MS6334 Datasheet HTML 19Page - MOSA ELECTRONICS MS6334 Datasheet HTML 20Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MOSA
MS6334/6335
16bits Stereo Audio DAC integrated HP Driver with Volume Control
REV 5
18/20
www.mosanalog.com
DEMO BOARD(IR)
6
1
Function description
Label 1: Supply Input
Supply voltage range is 2.4V to 6.5V.
Label 2: This PIN is used to switch the mode of audio format.
I2S : a & c open.
Normal : a & c short.
Label 3: Reset
All I/O pins are reset to default values.
Label 4: LED
The LED indicates IR received status and power status.
Label 5: Digital Signal Input
Connected to digital audio formats as I2S, Right Justified and Left Justified.
Label 6: Headphone Jack
Used 3.5mm diameter of headphone with 32ohm
1
4
a
c
2
5
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com