Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6334 Datasheet(PDF) 12 Page - MOSA ELECTRONICS

Part # MS6334
Description  16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6334 Datasheet(HTML) 12 Page - MOSA ELECTRONICS

Back Button MS6334 Datasheet HTML 8Page - MOSA ELECTRONICS MS6334 Datasheet HTML 9Page - MOSA ELECTRONICS MS6334 Datasheet HTML 10Page - MOSA ELECTRONICS MS6334 Datasheet HTML 11Page - MOSA ELECTRONICS MS6334 Datasheet HTML 12Page - MOSA ELECTRONICS MS6334 Datasheet HTML 13Page - MOSA ELECTRONICS MS6334 Datasheet HTML 14Page - MOSA ELECTRONICS MS6334 Datasheet HTML 15Page - MOSA ELECTRONICS MS6334 Datasheet HTML 16Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MOSA
MS6334/6335
16bits Stereo Audio DAC integrated HP Driver with Volume Control
REV 5
12/20
www.mosanalog.com
OPERATION PROCEDURE
The sequence of operation: power on→ active → power down → active → power off. The basic flowcharts are as
follows:
Active mode
All Devices are active
Volume Control
volume down to mute
both 2 channels mute on
Power Off
Disconnect V
DD
V
DD will be down to 0V
Power Off
Power Turn On
Power On
V
DD = Supply voltage
Default Codes Inside The Chip
Volume control :00H
Power down : 7FH
Audio format : 80H
Default Status
The chip is in the power down
mode, all devices are not active
Volume Mute On
Active
DAC Mute Off
Code : 60H
Power up
Code : 6DH
Wait 1sec
Code : 61H
All Devices are active
Audio Format Selection
Right justified: 80H (default)
I2S: 81H
Volume Control
volume down to mute
both 2 channels mute on
Power Down
(Shut Down)
Volume Control
Default volume = mute
Volume up/down step by step
All the Digital Interface Signals
Pull Low
I2C pull low
Audio inputs pull low
(BCK, WS, DATA)
Power Off Preparation
code : 82H or 83H
wait 0.2 sec
Power Down
code : 6FH
All devices are not active except
CAPPD keep active
Power Down
code : 6FH
All devices are not active
except CAPPD keep active
Keep All the Digital Interface
Signals unchanged
All the Digital Interface Signals
Pull Low
I2C pull low
Audio inputs pull low
(BCK, WS, DATA)
V
DD = GND
Fig.6
Operational procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com