Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6334 Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6334
Description  16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6334 Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6334 Datasheet HTML 1Page - MOSA ELECTRONICS MS6334 Datasheet HTML 2Page - MOSA ELECTRONICS MS6334 Datasheet HTML 3Page - MOSA ELECTRONICS MS6334 Datasheet HTML 4Page - MOSA ELECTRONICS MS6334 Datasheet HTML 5Page - MOSA ELECTRONICS MS6334 Datasheet HTML 6Page - MOSA ELECTRONICS MS6334 Datasheet HTML 7Page - MOSA ELECTRONICS MS6334 Datasheet HTML 8Page - MOSA ELECTRONICS MS6334 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MOSA
MS6334/6335
16bits Stereo Audio DAC integrated HP Driver with Volume Control
REV 5
3/20
www.mosanalog.com
MS6335
Symbol
Pin
Description
HP-VDD
1
Headphone supply voltage
HP-Rout
2
Right channel headphone output
Line-Rout
3
Right channel line output
Line-Rin
4
Right channel line input
CAP
5
Capacitor connected
VSS
6
Ground
BCK
7
Audio bit clock input
WS
8
Audio word select input
DATA
9
Audio data input
SCL
10
I2C clock input
SDA
11
I2C data input
VDD
12
Supply voltage
Line-Lin
13
Left channel line input
Line-Lout
14
Left channel line output
HP-Lout
15
Left channel headphone output
HP-VSS
16
Headphone ground
Line-Rout
15
14
13
16
2
3
4
1
HP-VSS
HP-Lout
Line-Lout
Line-Lin
HP-VDD
HP-Rout
Line-Rin
11
10
9
12
6
7
8
5
SDA
SCL
CAP
BCK
MS6335
DATA
VDD
VSS
WS
SSOP16, I
2C interface
Note: The control interface is I2C only. The address code is 8CH (10001100B).
MS6335
Symbol
Pin
Description
Line-Rout
1
Right channel line output
Line-Rin
2
Right channel line input
CAP
3
Capacitor connected
VSS
4
Ground
BCK
5
Audio bit clock input
WS
6
Audio word select input
DATA
7
Audio data input
SCL
8
I2C clock input
SDA
9
I2C data input
VDD
10
Supply voltage
Line-Lin
11
Left channel line input
Line-Lout
12
Left channel line output
HP-Lout
13
Left channel headphone output
HP-VSS
14
Headphone ground
HP-VDD
15
Headphone supply voltage
HP-Rout
16
Right channel headphone output
Line-Rout
Line-Lout
VSS
VDD
Line-Lin
SDA
Line-Rin
CAP
1
2
3
4
12
11
10
9
QFN16, I
2C interface
Note: The control interface is I2C only. The address code is 88H (10001000B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com