Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6334 Datasheet(PDF) 16 Page - MOSA ELECTRONICS

Part # MS6334
Description  16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6334 Datasheet(HTML) 16 Page - MOSA ELECTRONICS

Back Button MS6334 Datasheet HTML 12Page - MOSA ELECTRONICS MS6334 Datasheet HTML 13Page - MOSA ELECTRONICS MS6334 Datasheet HTML 14Page - MOSA ELECTRONICS MS6334 Datasheet HTML 15Page - MOSA ELECTRONICS MS6334 Datasheet HTML 16Page - MOSA ELECTRONICS MS6334 Datasheet HTML 17Page - MOSA ELECTRONICS MS6334 Datasheet HTML 18Page - MOSA ELECTRONICS MS6334 Datasheet HTML 19Page - MOSA ELECTRONICS MS6334 Datasheet HTML 20Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MOSA
MS6334/6335
16bits Stereo Audio DAC integrated HP Driver with Volume Control
REV 5
16/20
www.mosanalog.com
DEMO BOARD
2.7V ~ 6.5V
-+
S1
S5
a
c
+
-
2.7V ~ 6.5V
Audio
Input
LED1
S4
LED2
S2
LED3
S3
S4 (Power): POWER On/Off
Power On: If this key is pressed until the LED1 power on(about 3 sec),then system is Power On.
Power Off: If this key is pressed until the LED1 power off(about 3 sec),then system is Power Off.
S2 (UP) & S3 (Down): Volume Control
The volume key is used to adjust the volume of playing, and the segment is divided to 31 levels(-39dB~+6dB).
The prime value is level 5(-33dB).
Express full volume when LED3 is bright continuously.
Express mute on when LED2 is bright continuously.
S1: Reset
All I/O pins are reset to high.
S5: I
2S/Normal
This PIN is used to switch the mode of audio format.
I2S : a & c open.
Normal : a & c short.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com