Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8802DB Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI8802DB
Description  N-Channel 8 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8802DB Datasheet(HTML) 6 Page - Vishay Siliconix

  SI8802DB Datasheet HTML 1Page - Vishay Siliconix SI8802DB Datasheet HTML 2Page - Vishay Siliconix SI8802DB Datasheet HTML 3Page - Vishay Siliconix SI8802DB Datasheet HTML 4Page - Vishay Siliconix SI8802DB Datasheet HTML 5Page - Vishay Siliconix SI8802DB Datasheet HTML 6Page - Vishay Siliconix SI8802DB Datasheet HTML 7Page - Vishay Siliconix SI8802DB Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
6
Document Number: 67999
S11-1386-Rev. A, 11-Jul-11
Vishay Siliconix
Si8802DB
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Ambient (On 1" x 1" FR4 board with maximum copper)
0.001
0.01
1
10
1000
0.1
0.0001
100
0.2
0.1
Square Wave Pulse Duration (s)
1
0.1
0.01
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 185 °C/W
3. TJM -TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
Single Pulse
0.02
0.05
Normalized Thermal Transient Impedance, Junction-to-Ambient (On 1" x 1" FR4 board with minimum copper)
0.001
0.01
1
10
1000
0.1
0.0001
100
0.2
0.1
Square Wave Pulse Duration (s)
1
0.1
0.01
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 330 °C/W
3. TJM -TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
Single Pulse
0.02
0.05



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com