Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8802DB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI8802DB
Description  N-Channel 8 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8802DB Datasheet(HTML) 3 Page - Vishay Siliconix

  SI8802DB Datasheet HTML 1Page - Vishay Siliconix SI8802DB Datasheet HTML 2Page - Vishay Siliconix SI8802DB Datasheet HTML 3Page - Vishay Siliconix SI8802DB Datasheet HTML 4Page - Vishay Siliconix SI8802DB Datasheet HTML 5Page - Vishay Siliconix SI8802DB Datasheet HTML 6Page - Vishay Siliconix SI8802DB Datasheet HTML 7Page - Vishay Siliconix SI8802DB Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 67999
S11-1386-Rev. A, 11-Jul-11
www.vishay.com
3
Vishay Siliconix
Si8802DB
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
3
6
9
12
15
0
0.5
1
1.5
2
2.5
3
V
DS - Drain-to-Source Voltage (V)
V
GS = 1.5 V
V
GS = 5 V thru 2 V
V
GS = 1 V
0
0.04
0.08
0.12
0.16
0
3
6
9
12
15
I
D - Drain Current (A)
V
GS = 1.5 V
V
GS = 1.2 V
V
GS = 4.5 V
V
GS = 1.8 V
V
GS = 2.5 V
0
1
2
3
4
5
0
1
2
3
4
5
Q
g - Total Gate Charge (nC)
V
DS = 6.4 V
V
DS = 2 V
V
DS = 4 V
I
D = 1 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.3
0.6
0.9
1.2
1.5
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
100
200
300
400
500
600
0
2
4
6
8
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.6
0.8
1.0
1.2
1.4
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
V
GS = 1.5 V, ID = 0.2 A
V
GS = 4.5 V, 2.5 V, 1.8 V; ID = 1 A
V
GS = 1.2 V, ID = 0.1 A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com