Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8802DB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI8802DB
Description  N-Channel 8 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8802DB Datasheet(HTML) 2 Page - Vishay Siliconix

  SI8802DB Datasheet HTML 1Page - Vishay Siliconix SI8802DB Datasheet HTML 2Page - Vishay Siliconix SI8802DB Datasheet HTML 3Page - Vishay Siliconix SI8802DB Datasheet HTML 4Page - Vishay Siliconix SI8802DB Datasheet HTML 5Page - Vishay Siliconix SI8802DB Datasheet HTML 6Page - Vishay Siliconix SI8802DB Datasheet HTML 7Page - Vishay Siliconix SI8802DB Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number: 67999
S11-1386-Rev. A, 11-Jul-11
Vishay Siliconix
Si8802DB
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
8V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
7
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 2.1
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.35
0.7
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 5 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 8 V, VGS = 0 V
1
µA
VDS = 8 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS 5 V, VGS = 4.5 V
10
A
Drain-Source On-State Resistancea
RDS(on)
VGS 4.5 V, ID = 1 A
0.044
0.054
VGS 2.5 V, ID = 1 A
0.049
0.060
VGS 1.8 V, ID = 0.5 A
0.055
0.068
VGS 1.5 V, ID = 0.2 A
0.060
0.086
VGS 1.2 V, ID = 0.1 A
0.080
0.135
Forward Transconductancea
gfs
VDS = 4 V, ID = 1 A
13
S
Dynamicb
Total Gate Charge
Qg
VDS = 4 V, VGS = 4.5 V, ID = 1 A
4.3
6.5
nC
Gate-Source Charge
Qgs
0.44
Gate-Drain Charge
Qgd
0.72
Gate Resistance
Rg
f = 1 MHz
3.5
Turn-On Delay Time
td(on)
VDD = 4 V, RL = 4 
ID  1 A, VGEN = 4.5 V, Rg = 1 
510
ns
Rise Time
tr
15
30
Turn-Off Delay Time
td(off)
22
40
Fall Time
tf
715
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TA = 25 °C
0.7
A
Pulse Diode Forward Current
ISM
15
Body Diode Voltage
VSD
IS = 1 A, VGS = 0 V
0.7
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 1 A, dI/dt = 100 A/µs, TJ = 25 °C
20
40
ns
Body Diode Reverse Recovery Charge
Qrr
510
nC
Reverse Recovery Fall Time
ta
14
ns
Reverse Recovery Rise Time
tb
60



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com