Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8802DB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI8802DB
Description  N-Channel 8 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8802DB Datasheet(HTML) 1 Page - Vishay Siliconix

  SI8802DB Datasheet HTML 1Page - Vishay Siliconix SI8802DB Datasheet HTML 2Page - Vishay Siliconix SI8802DB Datasheet HTML 3Page - Vishay Siliconix SI8802DB Datasheet HTML 4Page - Vishay Siliconix SI8802DB Datasheet HTML 5Page - Vishay Siliconix SI8802DB Datasheet HTML 6Page - Vishay Siliconix SI8802DB Datasheet HTML 7Page - Vishay Siliconix SI8802DB Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
Si8802DB
New Product
Document Number: 67999
S11-1386-Rev. A, 11-Jul-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 8 V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Power MOSFET
•
Small 0.8 mm x 0.8 mm Outline Area
•
Low 0.4 mm max. profile
• Low On-Resistance
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Load Switch with Low Voltage Drop
•
Load Switch for 1.2 V, 1.5 V, 1.8 V Power Lines
•
Smart Phones, Tablet PCs, Portable Media Players
Notes:
a. Surface mounted on 1" x 1" FR4 board with full copper, t = 5 s.
b. Surface mounted on 1" x 1" FR4 board with minimum copper, t = 5 s.
c. Refer to IPC/JEDEC (J-STD-020C), no manual or hand soldering.
d. Maximum under steady state conditions is 185 °C/W.
e. Maximum under steady state conditions is 330 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
a
Qg (Typ.)
8
0.054 at VGS = 4.5 V
3.5
4.3 nC
0.060 at VGS = 2.5 V
3.3
0.068 at VGS = 1.8 V
3.1
0.086 at VGS = 1.5 V
2.3
0.135 at VGS = 1.2 V
1.0
MICRO FOOT
Device Marking: 802
xxx = Date/Lot Traceability Code
Ordering Information: Si8802DB-T2-E1 (Lead (Pb)-free and Halogen-free)
Bump Side View
Backside View
S
D
G
S
1
2
4
3
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
8
V
Gate-Source Voltage
VGS
± 5
Continuous Drain Current (TJ = 150 °C)
TA = 25 °C
ID
3.5a
A
TA = 70 °C
2.8a
TA = 25 °C
3.0b
TA = 70 °C
2.4b
Pulsed Drain Current (t = 300 µs)
IDM
15
Continuous Source-Drain Diode Current
TA = 25 °C
IS
0.7a
TA = 25 °C
0.4b
Maximum Power Dissipation
TA = 25 °C
PD
0.9a
W
TA = 70 °C
0.6a
TA = 25 °C
0.5b
TA = 70 °C
0.3b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)c
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, d
t
 5 s
RthJA
105
135
°C/W
Maximum Junction-to-Ambientb, e
200
260


Similar Part No. - SI8802DB

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI8802DB TFUNK-SI8802DB Datasheet
136Kb / 8P
N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
N-Channel 8 V (D-S) MOSFET
23-Feb-15
More results

Similar Description - SI8802DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA414DJ VISHAY-SIA414DJ_08 Datasheet
193Kb / 9P
N-Channel 8-V (D-S) MOSFET
03-Mar-08
SI8416DB VISHAY-SI8416DB Datasheet
142Kb / 9P
N-Channel 8 V (D-S) MOSFET
26-Dec-11
SI8424CDB VISHAY-SI8424CDB Datasheet
243Kb / 11P
N-Channel 8 V (D-S) MOSFET
10-Sep-12
SI8466EDB VISHAY-SI8466EDB Datasheet
141Kb / 9P
N-Channel 8 V (D-S) MOSFET
10-Sep-12
logo
Vishay Telefunken
SI2342DS TFUNK-SI2342DS Datasheet
247Kb / 8P
N-Channel 8 V (D-S) MOSFET
SI8466EDB TFUNK-SI8466EDB Datasheet
167Kb / 9P
N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI7100DN VISHAY-SI7100DN Datasheet
549Kb / 14P
N-Channel 8-V (D-S) MOSFET
17-Mar-08
SI2342DS VISHAY-SI2342DS_V01 Datasheet
210Kb / 9P
N-Channel 8 V (D-S) MOSFET
11-Jul-11
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
N-Channel 8 V (D-S) MOSFET
23-Feb-15
SI2342DS VISHAY-SI2342DS_V02 Datasheet
210Kb / 9P
N-Channel 8 V (D-S) MOSFET
11-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com