Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC4350 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4350 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button LPC4350 Datasheet HTML 53Page - NXP Semiconductors LPC4350 Datasheet HTML 54Page - NXP Semiconductors LPC4350 Datasheet HTML 55Page - NXP Semiconductors LPC4350 Datasheet HTML 56Page - NXP Semiconductors LPC4350 Datasheet HTML 57Page - NXP Semiconductors LPC4350 Datasheet HTML 58Page - NXP Semiconductors LPC4350 Datasheet HTML 59Page - NXP Semiconductors LPC4350 Datasheet HTML 60Page - NXP Semiconductors LPC4350 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
57 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
PF_4
D10
x
H4
172 120
83
[3]
O;
PU
I/O
SSP1_SCK — Serial clock for SSP1.
I
GP_CLKIN — General purpose clock input to the
CGU.
O
TRACECLK — Trace clock.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
O
I2S0_TX_MCLK — I2S transmit master clock.
I/O
I2S0_RX_SCK — I2S receive clock. It is driven by the
master and received by the slave. Corresponds to the
signal SCK in the I2S-bus specification.
PF_5
E9
-
-
190 -
-
[6]
I; PU -
R — Function reserved.
I/O
U3_UCLK — Serial clock input/output for USART3 in
synchronous mode.
I/O
SSP1_SSEL — Slave Select for SSP1.
O
TRACEDATA[0] — Trace data, bit 0.
I/O
GPIO7[19] — General purpose digital input/output
pin.
-
R — Function reserved.
I/O
SGPIO4 — General purpose digital input/output pin.
-
R — Function reserved.
I
ADC1_4 — ADC1, input channel 4.
PF_6
E7
-
-
192 -
-
[6]
I; PU -
R — Function reserved.
I/O
U3_DIR — RS-485/EIA-485 output enable/direction
control for USART3.
I/O
SSP1_MISO — Master In Slave Out for SSP1.
O
TRACEDATA[1] — Trace data, bit 1.
I/O
GPIO7[20] — General purpose digital input/output
pin.
-
R — Function reserved.
I/O
SGPIO5 — General purpose digital input/output pin.
I/O
I2S1_TX_SDA — I2S1 transmit data. It is driven by
the transmitter and read by the receiver. Corresponds
to the signal SD in the I2S-bus specification.
I
ADC1_3 — ADC1, input channel 3.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com