Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1371EST16TC Datasheet(PDF) 14 Page - Diodes Incorporated

Part # ZXLD1371EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371EST16TC Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button ZXLD1371EST16TC Datasheet HTML 10Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 11Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 12Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 13Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 14Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 15Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 16Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 17Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
ZXLD1371
ZXLD1371
Document number: DS35436 Rev. 1 - 2
14 of 42
www.diodes.com
February 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics – Boost Mode – ILED = 350mA – RS = 150mΩ – GIRATIO = 0.23
6
57
8
10
9
11
12
131415
16
17
18
19
20
V
(V)
IN
L = 100µH
0.25
0.29
0.35
0.37
0.41
0.45
T = 25 C, V
= V
8 LEDs, RS = 150m
R9 = 120k , R10 = 36k ,
C
= 100µF
AAUX
IN
IN
°
ΩΩ
Ω
L = 33µH
L = 68µH
0.43
0.39
0.33
0.31
0.27
6
57
8
10
911
12
13
14
15
16
17
18
19
20
V
(V)
IN
T = 25 C, V
= V
8 LEDs, R = 150m ,
R9 = 120k , R10 = 36k ,
C
= 100µF
AAUX
IN
S
IN
°
Ω
ΩΩ
L = 33µH
0
50
100
150
200
250
300
350
400
450
500
L = 100µH
L = 68µH
6
57
8
10
9
11
12
1314
1516
17
18
19
V
(V)
IN
40
50
60
70
80
90
100
L = 33µH
L = 100µH
L = 68µH
T = 25 C, V
= V
8 LEDs, R = 150m ,
R9 = 120k , R10 = 36k ,
C
= 100µF
AAUX
IN
S
IN
°
Ω
ΩΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com