Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1371EST16TC Datasheet(PDF) 32 Page - Diodes Incorporated

Part # ZXLD1371EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371EST16TC Datasheet(HTML) 32 Page - Diodes Incorporated

Back Button ZXLD1371EST16TC Datasheet HTML 28Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 29Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 30Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 31Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 32Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 33Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 34Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 35Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 36Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
ZXLD1371
ZXLD1371
Document number: DS35436 Rev. 1 - 2
32 of 42
www.diodes.com
February 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (cont.)
Input Capacitor
The input capacitor can be calculated knowing the input voltage ripple
ΔV
IN-PP as follows:
Buck
Use D = 0.5 as worst case
Boost
Buck-boost
Use D = DMAX as worst case
The minimum RMS current for the output capacitor is calculated as follows:
Buck
use D=0.5 as worst case
Boost
Buck-boost
Use D=DMAX as worst case
LED Current Dimming
The ZXLD1371 has 3 dimming methods for reducing the average LED current
1.
DC dimming using the ADJ pin
2.
PWM dimming using the PWM pin
3.
DC dimming for thermal protection using the TADJ pin.
DC Dimming
The ZXLD1371 has a clamp on the ADJ pin to prevent over-driving of the LED current which results in the maximum
voltage being applied to internal circuitry is the reference voltage. This provides a 10:1 dynamic range of dc LED current
adjustment.
The equation for DC dimming of the LED current is approximately:
ILED_DIM=ILED_NOM
VADJ
VREF
Where
ILED_DIM
is
the
dimmed
LED
current
ILED_NOM is the LED current with VADJ = 1.25V
One consequence of DC dimming is that as the ADJ pin
voltage is reduced the sense voltage will also be reduced
which has an impact on accuracy and switching frequency
especially at lower ADJ pin voltages.
Figure 9. LED Current and switching frequency vs.
ADJ Voltage
PP
IN
SW
LED
IN
V
x
f
I
x
)
D
1
(
x
D
C
−
Δ
−
=
PP
IN
SW
PP
L
IN
V
x
f
x
8
I
C
−
−
Δ
Δ
=
PP
IN
V
x
SW
f
LED
I
x
D
IN
C
−
Δ
=
)
D
1
(
Dx
x
I
I
LED
RMS
CIN
−
=
−
12
I
I
PP
L
RMS
CIN
−
−
=
)
D
1
(
D
x
I
I
LED
RMS
CIN
−
=
−
0
150
300
450
600
750
0
150
300
450
600
750
0
0.25
0.5
0.75
1
1.25
ADJ VOLTAGE (V)
Switching
Frequency
T=25°C
V=V =12V
2 LEDs
L=33µH
R=300m
A
AUX
IN
S
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com