Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1371EST16TC Datasheet(PDF) 16 Page - Diodes Incorporated

Part # ZXLD1371EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371EST16TC Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button ZXLD1371EST16TC Datasheet HTML 12Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 13Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 14Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 15Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 16Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 17Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 18Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 19Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
ZXLD1371
Document number
Typical C
r: DS35436 Rev. 1
Characteris
0.45
0.25
0.42
0.27
0.30
0.40
0.37
0.32
0.35
90
40
85
45
80
50
75
55
70
60
65
- 2
stics – Buc
5
50
50
25
75
00
00
75
25
50
1 LED
5 LEDs
6 LEDs
8 LEDs
9 LEDs
7 LEDs
5
0
0
5
5
0
0
5
5
0
0
5
7 LED
8 LE
ww
ck-Boost Mo
8
D
2 LEDs
3 LEDs
8
s
EDs
9 LEDs
16 of 42
ww.diodes.com
ode – RS = 1
11
4 LEDs
11
A
Dio
50m
Ω - ILED
14
T
A
Rs
R1
T = 25°C,
A
L =
Rs = 150m
R
R10 = 36k
V
Ω,
Ω,
A
14
4 LED
5 LEDs
A Product Lin
odes Incorpor
= 350mA – G
17
= 25°C, L = 33µH,
= 150m
R9 = 120k
0 = 36k
V
= V
Ω,
Ω
Ω,
AUX
IN
33µH,
R9 = 120k
= V
Ω,
AUX
IN
17
1 LED
2 LEDs
3 LEDs
Ds
6 LED
ZX
Febru
© Diodes
ne of
rated
GIRATIO = 0.2
20
Ω,
N
20
s
LD1371
uary 2012
Incorporated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com