Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1371EST16TC Datasheet(PDF) 33 Page - Diodes Incorporated

Part # ZXLD1371EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371EST16TC Datasheet(HTML) 33 Page - Diodes Incorporated

Back Button ZXLD1371EST16TC Datasheet HTML 29Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 30Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 31Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 32Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 33Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 34Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 35Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 36Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 37Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
ZXLD1371
ZXLD1371
Document number: DS35436 Rev. 1 - 2
33 of 42
www.diodes.com
February 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (cont.)
PWM Output Current Control & Dimming
The ZXLD1371 has a dedicated PWM dimming input that allows a wide dimming frequency range from 100Hz to 1kHz with
up to 1000:1 resolution; however higher dimming frequencies can be used – at the expense of dimming dynamic range and
accuracy.
Typically, for a PWM frequency of 1kHz, the error on the current linearity is lower than 5%; in particular the accuracy is
better than 1% for PWM from 5% to 100%. This is shown in the graph below:
Figure 10. LED Current Linearity and Accuracy with PWM Dimming at 1kHz
For a PWM frequency of 100Hz, the error on the current linearity is lower than 2.5%; it becomes negligible for PWM greater
than 5%. This is shown in the graph below:
Figure 11. LED Current Linearity and Accuracy with PWM Dimming at 100Hz
The PWM pin is designed to be driven by both 3.3V and 5V logic levels and as such doesn’t require open collector/drain
drive. It can also be driven by an open drain/collector transistor. In this case the designer can either use the internal pull-up
network or an external pull-up network in order to speed-up PWM transitions, as shown in the Boost/ Buck-Boost section.
Buck mode - L=33uH - Rs = 150m
Ω - PWM @1kHz
0.00
250.00
500.00
750.00
1000.00
1250.00
1500.00
0
10
20304050
607080
90
100
PWM
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
PWM @1kHz
Error
Buck mode - L=33uH - Rs = 150m
Ω - PWM @100Hz
0.00
250.00
500.00
750.00
1000.00
1250.00
1500.00
0
1020
3040506070
80
90
100
PWM
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
PWM @ 100Hz
Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com