Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1371EST16TC Datasheet(PDF) 23 Page - Diodes Incorporated

Part # ZXLD1371EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371EST16TC Datasheet(HTML) 23 Page - Diodes Incorporated

Back Button ZXLD1371EST16TC Datasheet HTML 19Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 20Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 21Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 22Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 23Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 24Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 25Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 26Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 27Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
ZXLD1371
ZXLD1371
Document number: DS35436 Rev. 1 - 2
23 of 42
www.diodes.com
February 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (cont.)
APPLICATION CIRCUIT DESIGN
External component selection is driven by the characteristics of the load and the input supply, since this will determine the
kind of topology being used for the system.
Component selection begins with the current setting procedure, the
inductor/frequency setting and the MOSFET selection.
Finally after selecting the freewheeling diode and the output
capacitor (if needed), the application section will cover the PWM dimming and thermal feedback. The full procedure is
greatly accelerated by the web Calculator spreadsheet, which includes fully automated component selection, and is
available on the Diodes web site. However the full calculation is also given here.
Please note the following particular feature of the web Calculator. The GI ratio can be set for Automatic calculation, or it can
be fixed at a chosen value. When optimizing a design, it is best first to optimize for the chosen voltage range of most
interest, using the Automatic setting. In order to subsequently evaluate performance of the circuit over a wider input voltage
range, fix the GI ratio in the Calculator input field, and then set the desired input voltage range.
Some components depend upon the switching frequency and the duty cycle. The switching frequency is regulated by the
ZXLD1371 to a large extent, depending upon conditions. This is discussed in a later paragraph dealing with coil selection.
Duty Cycle Calculation and Topology Selection
The duty cycle is a function of the input and output voltages. Approximately, the MOSFET switching duty cycle is
DBUCK
≈
VOUT
VIN
for Buck
DBOOST ≈
VOUT - VIN
VOUT
for Boost
DBB
≈
VOUT
VOUT + VIN
for Buck-Boost
Equation 6
Because D must always be a positive number less than 1, these equations show that
VOUT < VIN
for Buck (voltage step-down)
VOUT > VIN
for Boost (voltage step-up)
VOUT > or = or < VIN
for Buck-boost (voltage step-down or step-up)
This allows us to select the topology for the required voltage range.
More exact equations are used in the web Calculator. These are:
DBUCK =
VOUT + VF + IOUT RS+RCOIL
VIN + VF - VDSON
for Buck
DBOOST =
VOUT - VIN + IIN RS+RCOIL + VF
VOUT + VF - VDSON
for Boost
DBB
=
VOUT + VF + IIN+IOUT RS+RCOIL
VOUT + VIN + VF - VDSON
for Buck-boost
Equation 7
where VF
= schottky diode forward voltage, estimated for the expected coil current, ICOIL
VDSON
= MOSFET drain source voltage in the ON condition (dependent on RDSON and drain current = ICOIL)
RCOIL
= DC winding resistance of L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com